Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM2U1913VBK. Datasheet(PDF) 2 Page - Hammond Manufacturing Ltd.

Part # RM2U1913VBK.
Description  Rugged Rack Chassis RM Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

RM2U1913VBK. Datasheet(HTML) 2 Page - Hammond Manufacturing Ltd.

  RM2U1913VBK. Datasheet HTML 1Page - Hammond Manufacturing Ltd. RM2U1913VBK. Datasheet HTML 2Page - Hammond Manufacturing Ltd. RM2U1913VBK. Datasheet HTML 3Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Part No.
Height
Width
Rack Units
RM1U08BKFP
1.75
8.30
1U
RM2U08BKFP
3.50
8.30
2U
RM3U08BKFP
5.25
8.30
3U
RM1U19BKFP
1.75
16.60
1U
RM2U19BKFP
3.50
16.60
2U
RM3U19BKFP
5.25
16.60
3U
Replacement Hardware
Part No.
Description
Used For
RM632SC100BK
100 pack of 6-32 x 3/8" thread rolling
(taptite) screws
Side panel assembly
RM440SN100BK
100 pack of 4-40 speed nuts
Top & bottom panel
assembly
RM440MS100BK 100 pack of 4-40 machine screws
Top & bottom panel
assembly
RM1032MS100BK 100 pack of 10-32 machine screws
Rack mounting bracket
assembly
Replacement Rack Mounting Flanges
(Sold in Pairs)
Part No.
Rack Units
RM1UMTGFL
1U
RM2UMTGFL
2U
RM3UMTGFL
3U
Includes enclosure mounting screws
Adjustable Rear Brackets (Sold in Pairs)
Part No.
Chassis Dimensions
Rack Units
Height
Width
Depth
RM1U18BRKT
1.75
16.60
18.00
1U
RM2U18BRKT
3.50
16.60
18.00
2U
RM3U18BRKT
5.25
16.60
18.00
3U
Available for 18 inch deep versions only.
Replacement Top/Bottom Body Panels
Solid
Vented
Panel Dimensions
Part No.
Part No.
Width
Depth
RM0804BKSP
RM0804BKVP
8.30
4.25
RM0808BKSP
RM0808BKVP
8.30
8.00
RM1908BKSP
RM1908BKVP
16.60
8.00
RM1913BKSP
RM1913BKVP
16.60
13.00
RM1918BKSP
RM1918BKVP
16.60
18.00
Data subject to change without notice.
© 2016. Hammond Manufacturing Ltd. All rights reserved.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com