Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM2U1913VBK. Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # RM2U1913VBK.
Description  Rugged Rack Chassis RM Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

RM2U1913VBK. Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  RM2U1913VBK. Datasheet HTML 1Page - Hammond Manufacturing Ltd. RM2U1913VBK. Datasheet HTML 2Page - Hammond Manufacturing Ltd. RM2U1913VBK. Datasheet HTML 3Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Chassis Tilt Bail
Mounting Hardware
Replacement Panel for Front or Rear Panel of Chassis
Rugged Rack Chassis RM Series
Features
Strong construction yet light weight using all aluminum components
Suitable for desk top or rack mountable applications.
Knockdown design ships un-assembled for easy handling and shipping
protection.
Strong construction using:
extruded aluminum side panels 0.125" (3.2 mm) thick
extruded aluminum front & rear panels 0.125" (3.2mm) thick
flat aluminum top and bottom panels 0.064" (1.6 mm) thick
Can be used with or without rack mounting brackets (one pair included)
Front & rear panel are interchangeable.
Enclosure is finished in rugged, textured, black powder paint.
Includes top, bottom, sides, self adhesive rubber feet, rack mount brackets
and all assembly hardware
Pull handles & adjustable rear bracket rack mount kit (for deeper models)
are not included with unit (see tables & accessories below).
RoHS Compliant.
Manufactured in North America.
Accessories
Part No.
Part No.
Overall Dimensions Usable Mounting Dimensions
Includes
Accepts
Adj. Rear Bracket
19" Rack
Rack Mount
Solid
Vented
Mounting Pull Handle
Part No.
Top/Bottom
Top/Bottom
Height Width Depth
Rack Units
Height
Flanges
Part No.
(Sold in Pairs)
RM1U0804SBK RM1U0804VBK
1.75
8.30
4.25
1U
1.75
No
1427B2BK
RM1U0808SBK RM1U0808VBK
1.75
8.30
8.00
1U
1.75
No
1427B2BK
RM1U1908SBK RM1U1908VBK
1.75
16.60
8.00
1U
1.75
Yes
1427B2BK
RM1U1913SBK RM1U1913VBK
1.75
16.60 13.00
1U
1.75
Yes
1427B2BK
RM1U1918SBK RM1U1918VBK
1.75
16.60 18.00
1U
1.75
Yes
1427B2BK
RM1U18BRKT
RM2U0804SBK RM2U0804VBK
3.50
8.30
4.25
2U
3.50
No
1427B2BK
RM2U0808SBK RM2U0808VBK
3.50
8.30
8.00
2U
3.50
No
1427E1BK
RM2U1908SBK RM2U1908VBK
3.50
16.60
8.00
2U
3.50
Yes
1427E1BK
RM2U1913SBK RM2U1913VBK
3.50
16.60 13.00
2U
3.50
Yes
1427E1BK
RM2U1918SBK RM2U1918VBK
3.50
16.60 18.00
2U
3.50
Yes
1427E1BK
RM2U18BRKT
RM3U0804SBK RM3U0804VBK
5.25
8.30
4.25
3U
5.25
No
1427E1BK
RM3U0808SBK RM3U0808VBK
5.25
8.30
8.00
3U
5.25
No
1427E1BK
RM3U1908SBK RM3U1908VBK
5.25
16.60
8.00
3U
5.25
Yes
1427P1BK
RM3U1913SBK RM3U1913VBK
5.25
16.60 13.00
3U
5.25
Yes
1427P1BK
RM3U1918SBK RM3U1918VBK
5.25
16.60 18.00
3U
5.25
Yes
1427P1BK
RM3U18BRKT
Quality Products. Service Excellence.


Similar Part No. - RM2U1913VBK.

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
RM2U1913VBK HAMMOND-RM2U1913VBK Datasheet
410Kb / 1P
Extruded Aluminum Frame - Type 6063
RM2U1913VBK HAMMOND-RM2U1913VBK Datasheet
166Kb / 3P
Rack-Mounted Instrument Enclosure
1/6/2019
RM2U1913VBK HAMMOND-RM2U1913VBK Datasheet
172Kb / 3P
Rack-Mounted Instrument Enclosure RM Series Extruded Aluminum, 19" Rack-Mount or Desktop Use
1/5/2021
RM2U1913VBK HAMMOND-RM2U1913VBK Datasheet
146Kb / 2P
Rack-Mounted Instrument Enclosure RM Series Extruded Aluminum, 19" Rack-Mount or Desktop Use
10/22/2017
More results

Similar Description - RM2U1913VBK.

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
RM4-3D3-E40 FERROXCUBE-RM4-3D3-E40 Datasheet
74Kb / 6P
RM, RM/I, RM/ILP cores and
RM5-3C90-A63 FERROXCUBE-RM5-3C90-A63 Datasheet
79Kb / 7P
RM, RM/I, RM/ILP cores and accessories
RM12-3C90 FERROXCUBE-RM12-3C90 Datasheet
51Kb / 4P
RM, RM/I, RM/ILP cores and accessories
RM12-3C90-A160 FERROXCUBE-RM12-3C90-A160 Datasheet
89Kb / 7P
RM, RM/I, RM/ILP cores and accessories
RM14-3C90-A250 FERROXCUBE-RM14-3C90-A250 Datasheet
88Kb / 7P
RM, RM/I, RM/ILP cores and accessories
logo
Emcore Corporation
10990A EMCORE-10990A Datasheet
73Kb / 2P
Rack Mount Chassis and Power Supply
logo
List of Unclassifed Man...
RPM-17 ETC2-RPM-17 Datasheet
103Kb / 2P
17" 8U Rugged Rack Mount display Monitor
RPM-19 ETC2-RPM-19 Datasheet
222Kb / 2P
19" 8.5U Rugged Rack Mount display Monitor
logo
Coolgear Inc.
USBG-ISO-M COOLGEAR-USBG-ISO-M Datasheet
124Kb / 2P
USB Isolator 3000 Vrms Rugged Metal Chassis
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com