Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM2U1913VBK. Datasheet (PDF) - Hammond Manufacturing Ltd.

RM2U1913VBK. Datasheet PDF - Hammond Manufacturing Ltd.
Part # RM2U1913VBK.
Download  RM2U1913VBK. Download
File Size   65.32 Kbytes
Page   3 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description Rugged Rack Chassis RM Series

RM2U1913VBK. Datasheet (PDF)

Go To PDF Page Download Datasheet
RM2U1913VBK. Datasheet PDF - Hammond Manufacturing Ltd.

Part # RM2U1913VBK.
Download  RM2U1913VBK. Click to download

File Size   65.32 Kbytes
Page   3 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description Rugged Rack Chassis RM Series

RM2U1913VBK. Datasheet (HTML) - Hammond Manufacturing Ltd.


RM2U1913VBK. Product details

Chassis Tilt Bail Mounting Hardware
Features
Strong construction yet light weight using all aluminum components
Suitable for desk top or rack mountable applications.
Knockdown design ships un-assembled for easy handling and shipping
protection.
Strong construction using:
extruded aluminum side panels 0.125" (3.2 mm) thick
extruded aluminum front & rear panels 0.125" (3.2mm) thick
flat aluminum top and bottom panels 0.064" (1.6 mm) thick
Can be used with or without rack mounting brackets (one pair included)
Front & rear panel are interchangeable.
Enclosure is finished in rugged, textured, black powder paint.
Includes top, bottom, sides, self adhesive rubber feet, rack mount brackets
and all assembly hardware
Pull handles & adjustable rear bracket rack mount kit (for deeper models)
are not included with unit (see tables & accessories below).
RoHS Compliant.
Manufactured in North America.
Accessories




Similar Part No. - RM2U1913VBK.

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
RM2U1913VBK HAMMOND-RM2U1913VBK Datasheet
410Kb / 1P
Extruded Aluminum Frame - Type 6063
RM2U1913VBK HAMMOND-RM2U1913VBK Datasheet
166Kb / 3P
Rack-Mounted Instrument Enclosure
1/6/2019
RM2U1913VBK HAMMOND-RM2U1913VBK Datasheet
172Kb / 3P
Rack-Mounted Instrument Enclosure RM Series Extruded Aluminum, 19" Rack-Mount or Desktop Use
1/5/2021
RM2U1913VBK HAMMOND-RM2U1913VBK Datasheet
146Kb / 2P
Rack-Mounted Instrument Enclosure RM Series Extruded Aluminum, 19" Rack-Mount or Desktop Use
10/22/2017
More results


Similar Description - RM2U1913VBK.

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
RM4-3D3-E40 FERROXCUBE-RM4-3D3-E40 Datasheet
74Kb / 6P
RM, RM/I, RM/ILP cores and
RM5-3C90-A63 FERROXCUBE-RM5-3C90-A63 Datasheet
79Kb / 7P
RM, RM/I, RM/ILP cores and accessories
RM12-3C90 FERROXCUBE-RM12-3C90 Datasheet
51Kb / 4P
RM, RM/I, RM/ILP cores and accessories
RM12-3C90-A160 FERROXCUBE-RM12-3C90-A160 Datasheet
89Kb / 7P
RM, RM/I, RM/ILP cores and accessories
RM14-3C90-A250 FERROXCUBE-RM14-3C90-A250 Datasheet
88Kb / 7P
RM, RM/I, RM/ILP cores and accessories
logo
Emcore Corporation
10990A EMCORE-10990A Datasheet
73Kb / 2P
Rack Mount Chassis and Power Supply
logo
List of Unclassifed Man...
RPM-17 ETC2-RPM-17 Datasheet
103Kb / 2P
17" 8U Rugged Rack Mount display Monitor
RPM-19 ETC2-RPM-19 Datasheet
222Kb / 2P
19" 8.5U Rugged Rack Mount display Monitor
logo
Coolgear Inc.
USBG-ISO-M COOLGEAR-USBG-ISO-M Datasheet
124Kb / 2P
USB Isolator 3000 Vrms Rugged Metal Chassis
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com