Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3ATH9 Datasheet(PDF) 2 Page - MEC Marcom Electronic Components Ltd.

Part # 3ATH9
Description  Navimec™
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEC [MEC Marcom Electronic Components Ltd.]
Direct Link  https://mec-uk.co.uk/
Logo MEC - MEC Marcom Electronic Components Ltd.

3ATH9 Datasheet(HTML) 2 Page - MEC Marcom Electronic Components Ltd.

  3ATH9 Datasheet HTML 1Page - MEC Marcom Electronic Components Ltd. 3ATH9 Datasheet HTML 2Page - MEC Marcom Electronic Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dimensions 1ZC (through-hole)
Dimensions 1ZB (through-hole)
Dimensions 1ZA (SMD)
Switch
Cap 1ZB
Mounting
T through-hole
S surface mount
L6 low temp.
H9 high temp.
3A
+
Ordering example: 3ATL6 + 1ZA58, 3FTL6 + 1ZC53
Technical Data:
- through-hole or SMD
- 50mA/24VDC
- single pole/momentary
- 10.000.000 operations life time
- IP67 sealing
- temperature range:
low temp: -40/+115°C
high temp: -40/+160°C
PCB layout
PCB layout (top view)
PCB layout
multimec® navimec
mec Industriparken 23 . P.o. Box 26 . DK-2750 Ballerup . Denmark
Tel.: +45 44 97 33 66 . Fax: +45 44 68 15 14 . E-mail: danmec@mec.dk . www.mec.dk.
7.6
0.5
10.16
Min
Max 12.5
0.3
0.8
14.0
7.6
0.5
0.8
90
°
R=17.5
( actuated)
R=7.4
14.3
Ø
18.65
10.16
Min
Max 12.5
7.6
0.5
0.3
0.8
R11
.
5
Dimensions (mm): Unless otherwise specified, all tolerances +
- 0.2
10.16
2.54
Ø=0. 9
10.16
2.54
Ø=0. 9
12.5
2.5
Cap 1ZC
Cap 1ZA
Standard versions:
3ATL6, 3ATH9, 3ASH9, 3ASH9R (tape/reel)
3FTL6, 3FTH9, 3FSH9, 3FSH9R (tape/reel)
25, 00
25.00
Design example
03 grey
06 white
09 black
30 ultra blue
40 dusty blue
42 aqua blue
50 metal dark blue
53 metal light grey
57 metal dark grey
58 metal bordeaux
03 grey
06 white
09 black
30 ultra blue
40 dusty blue
42 aqua blue
50 metal dark blue
53 metal light grey
57 metal dark grey
58 metal bordeaux
Consisting of: 4 x 3ATL6 + 4 x 1ZB + 1 x 3FTL6 + 1 x 1ZC
(3F in centre position)
HOW TO ORDER
Recommented panel cut-out:
ø = 35,0 - 35,5 Depending on application
PCB layout
3F
+
Switch
Mounting
T through-hole
S surface mount
L6 low temp.
H9 high temp.
Navi-bagside2
03/15/09 13:42
Side 1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com