Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3ATH9 Datasheet(PDF) 1 Page - MEC Marcom Electronic Components Ltd.

Part # 3ATH9
Description  Navimec™
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEC [MEC Marcom Electronic Components Ltd.]
Direct Link  https://mec-uk.co.uk/
Logo MEC - MEC Marcom Electronic Components Ltd.

3ATH9 Datasheet(HTML) 1 Page - MEC Marcom Electronic Components Ltd.

  3ATH9 Datasheet HTML 1Page - MEC Marcom Electronic Components Ltd. 3ATH9 Datasheet HTML 2Page - MEC Marcom Electronic Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3 A
3 F
multimec® Navimec™
Technical Data
■ through-hole or SMD
■ 50mA/24VDC
■ single pole/momentary
■ 10.000.000 operations life time
■ IP67 sealing
■ temperature range:
low temp: -40/+115°C
high temp: -40/+160°C
PCB layout
Dimensions 1ZB (through-hole)
Dimensions 1ZC (SMD)
Recommended panel cut-out:
ø35.0-35.5 Depending on application
PCB layout
PCB layout TH
Dimensions Navimec™ Module
Dimensions (mm)
Circuit Diagram Navimec™ Module
(Front side View)
The plug on the Navimec™ module is
JST SMT S10B-PH-SM3-TB or similar.
We recommend using
Cable socket: JST PHR-10 or similar
Contact: JST SPH-002T-PO.5S or similar.
How to order
Switch
Mounting
T through-hole
S surface mount
L 6 low temp.
H 9 high temp.
Cap 1ZB
Switch
Mounting
T through-hole
S surface mount
L 6 low temp.
H 9 high temp.
Cap 1ZC
03 grey
06 white
09 black
30 ultra blue
40 dusty blue
42 aqua blue
50 metal dark blue
53 metal light grey
57 metal dark grey
58 metal bordeaux
Navimec™ Module
Part No. 9508000
Navimec™ Module excl. keycaps
Part No. 950XXYY
Navimec™ Module incl. keycaps
Part No. 9509XXXYYY
Navimec™ Module incl. keycaps with legends
The module can be delivered with keycaps (4 x 1ZB and 1 x 1ZC) in solid colours or black keycaps with
white legends.
For module incl. keycaps in solid colours (950XXYY) please indicate colour code for 1ZBXX and colour
code for 1ZCYY.
For module incl. keycaps with legends (9509XXXYYY) please indicate legends for 1ZBXXX and legends
for 1ZCYYY. All Caps are black with white legends. Please see legends available on page 23.
Examples: Module with 5 switches (4x3ATL6+1x3FTL6) mounted with 4x1ZB30 ultra blue and
1x1ZC42 aqua blue = 9503042.
Module with 5 switches (4x3ATL6+1x3FTL6) mounted with 4x1ZB09XD136 (legend arrow) and
1x1ZC09118 (legend OK) = 9509136118.
Ordering example: 4x3ATL6+1ZB53 and 1x3FTL6+1ZC58 or Navimec™ Module 9505358
For updates of products and/or changes of specifications please see www.mec.dk
PCB layout SMD
R17.5
(actuated)
R7.4
0611
|
mec
|
www.mec.dk
0611
|
mec
|
www.mec.dk
0611
|
mec
|
www.mec.dk
0611
|
mec
|
www.mec.dk
0611
|
mec
|
www.mec.dk


Similar Part No. - 3ATH9

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3ATH9 ETC2-3ATH9 Datasheet
102Kb / 5P
Through-hole or SMD
logo
APEM Components, Inc.
3ATH9 MULTIMEC-3ATH9 Datasheet
148Kb / 7P
basic switch modules
3ATH9 MULTIMEC-3ATH9 Datasheet
191Kb / 8P
basic switch modules
3ATH9 MULTIMEC-3ATH9 Datasheet
101Kb / 5P
PANEL BUSH, 2.5-4.0
logo
MEC Marcom Electronic C...
3ATH9 MEC-3ATH9 Datasheet
357Kb / 8P
basic switch modules
041213
More results

Similar Description - 3ATH9

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LAUNCHXL-F280049C TI-LAUNCHXL-F280049C Datasheet
4Mb / 28P
C2000™ Piccolo™ F28004x Series LaunchPad™ Development Kit
June 2018-Revised April 2020
logo
STMicroelectronics
SMAJ STMICROELECTRONICS-SMAJ_V01 Datasheet
148Kb / 10P
Transil™
09-Jul-2010
logo
3M Electronics
RP040GF 3M-RP040GF Datasheet
59Kb / 7P
3M™ VHB™ Tape RP040GF
May, 2022
RP060GF 3M-RP060GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP060GF
May, 2022
RP110GF 3M-RP110GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP110GF
May, 2022
RP230GF 3M-RP230GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP230GF
May, 2022
logo
AVX Corporation
1002857 AVX-1002857 Datasheet
428Kb / 3P
EtherHelix™™ Mission Critical GPS Antenna
9/19/2019
logo
3M Electronics
20433 3M-20433 Datasheet
78Kb / 3P
3M™ Hookit™ Sheet Pad
logo
Infineon Technologies A...
IRF300P226 INFINEON-IRF300P226 Datasheet
1Mb / 17P
StrongIRFET™
V2.2 2020-01-07
logo
3M Electronics
EPX 3M-EPX Datasheet
942Kb / 2P
3M™ EPX™ Applicators and Nozzles
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com