Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3ATH9 Datasheet (PDF) - MEC Marcom Electronic Components Ltd.

3ATH9 Datasheet PDF - MEC Marcom Electronic Components Ltd.
Part # 3ATH9
Download  3ATH9 Download
File Size   403.86 Kbytes
Page   2 Pages
Manufacturer  MEC [MEC Marcom Electronic Components Ltd.]
Direct Link  https://mec-uk.co.uk/
Logo MEC - MEC Marcom Electronic Components Ltd.
Description Navimec™

3ATH9 Datasheet (PDF)

Go To PDF Page Download Datasheet
3ATH9 Datasheet PDF - MEC Marcom Electronic Components Ltd.

Part # 3ATH9
Download  3ATH9 Click to download

File Size   403.86 Kbytes
Page   2 Pages
Manufacturer  MEC [MEC Marcom Electronic Components Ltd.]
Direct Link  https://mec-uk.co.uk/
Logo MEC - MEC Marcom Electronic Components Ltd.
Description Navimec™

3ATH9 Datasheet (HTML) - MEC Marcom Electronic Components Ltd.


3ATH9 Product details

■ through-hole or SMD
■ 50mA/24VDC
■ single pole/momentary
■ 10.000.000 operations life time
■ IP67 sealing
■ temperature range:
low temp: -40/+115°C
high temp: -40/+160°C




Similar Part No. - 3ATH9

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3ATH9 ETC2-3ATH9 Datasheet
102Kb / 5P
Through-hole or SMD
logo
APEM Components, Inc.
3ATH9 MULTIMEC-3ATH9 Datasheet
148Kb / 7P
basic switch modules
3ATH9 MULTIMEC-3ATH9 Datasheet
191Kb / 8P
basic switch modules
3ATH9 MULTIMEC-3ATH9 Datasheet
101Kb / 5P
PANEL BUSH, 2.5-4.0
logo
MEC Marcom Electronic C...
3ATH9 MEC-3ATH9 Datasheet
357Kb / 8P
basic switch modules
041213
More results


Similar Description - 3ATH9

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LAUNCHXL-F280049C TI-LAUNCHXL-F280049C Datasheet
4Mb / 28P
C2000™ Piccolo™ F28004x Series LaunchPad™ Development Kit
June 2018-Revised April 2020
logo
STMicroelectronics
SMAJ STMICROELECTRONICS-SMAJ_V01 Datasheet
148Kb / 10P
Transil™
09-Jul-2010
logo
3M Electronics
RP040GF 3M-RP040GF Datasheet
59Kb / 7P
3M™ VHB™ Tape RP040GF
May, 2022
RP060GF 3M-RP060GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP060GF
May, 2022
RP110GF 3M-RP110GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP110GF
May, 2022
RP230GF 3M-RP230GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP230GF
May, 2022
logo
AVX Corporation
1002857 AVX-1002857 Datasheet
428Kb / 3P
EtherHelix™™ Mission Critical GPS Antenna
9/19/2019
logo
3M Electronics
20433 3M-20433 Datasheet
78Kb / 3P
3M™ Hookit™ Sheet Pad
logo
Infineon Technologies A...
IRF300P226 INFINEON-IRF300P226 Datasheet
1Mb / 17P
StrongIRFET™
V2.2 2020-01-07
logo
3M Electronics
EPX 3M-EPX Datasheet
942Kb / 2P
3M™ EPX™ Applicators and Nozzles
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com