Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMLVT3V3 Datasheet(PDF) 3 Page - STMicroelectronics

Part # SMLVT3V3
Description  LOW VOLTAGE TRANSILTM
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMLVT3V3 Datasheet(HTML) 3 Page - STMicroelectronics

  SMLVT3V3 Datasheet HTML 1Page - STMicroelectronics SMLVT3V3 Datasheet HTML 2Page - STMicroelectronics SMLVT3V3 Datasheet HTML 3Page - STMicroelectronics SMLVT3V3 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SMLVT3V3
3/4
0.1
1 .0
10.0
100.0
4
6
8
10
V CL
(V )
IPP(A )
TP= 1 MS
TP= 2 0
µS
Fig. 3 : Clamping voltage versus peak pulse
current (Tj initial = 25°C).
Exponential waveform tp =20
µs and tp = 1 ms.
Fig. 5 : Peak forward voltage drop versus peak
forward current (typical values).
0.01
0.10
1.00
10.00
0.01
0.10
1.00
10.00
Ppp(kW)
tp(ms)
Fig. 2 : Peak pulse power versus exponential
pulse duration (Tj initial = 25°C).
12
3
4
5
1000
2000
3000
4000
5000
V R (V )
C (PF )
F= 1 M H Z
T J= 25° C
Fig. 4 : Capacitance versus reverse applied
voltage (typical values).
Fig. 6 : Transient thermal impedance junction
ambient versus pulse duration.
Mounting on FR4 PC Board with Recommended
pad layout.
Fig. 7 : Relative variation of leakage current
versus junction temperature.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com