Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMLVT3V3 Datasheet(PDF) 4 Page - STMicroelectronics

Part # SMLVT3V3
Description  LOW VOLTAGE TRANSILTM
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMLVT3V3 Datasheet(HTML) 4 Page - STMicroelectronics

  SMLVT3V3 Datasheet HTML 1Page - STMicroelectronics SMLVT3V3 Datasheet HTML 2Page - STMicroelectronics SMLVT3V3 Datasheet HTML 3Page - STMicroelectronics SMLVT3V3 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SMLVT3V3
4/4
PACKAGE MECHANICAL DATA
SMB (Plastic) - Jedec DO-214AA
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A1
1.90
2.15
2.45 0.075 0.085 0.096
A2
0.05
0.15
0.20 0.002 0.006 0.008
b
1.95
2.20 0.077
0.087
c
0.15
0.41 0.006
0.016
E
5.10
5.40
5.60 0.201 0.213 0.220
E1
4.05
4.30
4.60 0.159 0.169 0.181
D
3.30
3.60
3.95 0.130 0.142 0.156
L
0.75
1.15
1.60 0.030 0.045 0.063
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of
use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to
change without notice. This publication supersedes and replaces all information previously supplied.
STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written ap-
proval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 2001 STMicroelectronics - Printed in Italy - All rights reserved.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia
Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A.
http://www.st.com
D
E
E1
c
A1
A2
b
L
Marking: Logo, data code, type code and cathod band
1.52
2.75
2.3
1.52
FOOTPRINT DIMENSIONS (Millimeter)
SMB Plastic.
Weight = 0.12 g
Packaging : standard packaging is in tape and reel.
SM
LVT
3V3
SURFACE MOUNT
LOW VOLTAGE TRANSIL
STAND-OFF-VOLTAGE
ORDER CODE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com