Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

02804 Datasheet(PDF) 1 Page - Wiha Tools

Part # 02804
Description  The Classic for High Torques.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

02804 Datasheet(HTML) 1 Page - Wiha Tools

  02804 Datasheet HTML 1Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
134
Wiha T-Handle.
The Classic for High Torques.
Hex and Nut Driver Electric.
334N
Hex Driver Electric with T-Handle.
Blade:
Chrome-vanadium steel, through hardened, black-finish.
Insulation moulded directly onto blade.
Handle:
Wiha T-Handle.
Standards:
Manufactured acc. to EN/IEC 60900:2004. GS-Mark.
Application:
For high torque transfer with minimal effort, especially for all work on or
around electrical components up to 1000 V AC.
Order-No.
27928 8
4
150
176
80
26
5
4.85
27929 5
5
150
182
100
32
5
5.45
27930 1
6
150
182
100
32
5
6.15
27931 8
8
150
182
100
32
5
7.05
336N
Hex Driver Electric with T-Handle.
Blade:
Chrome-vanadium steel, through hardened, nickel-plated.
Insulation moulded directly onto blade.
Handle:
Wiha T-Handle.
Standards:
Similar to DIN 7440. Manufactured acc. to EN/IEC 60900:2004.
GS-Mark.
Application:
For high torque transfer with minimal effort, especially for all work on or
around electrical components up to 1000 V AC.
Extra:
Recess in shank to accomodate for long screws.
Order-No.
27932 5
8
200
232
100
32
5
14.05
27933 2
10
230
262
100
32
5
15.30
27934 9
13
230
262
100
32
5
16.65
27935 6
17
230
268
120
38
5
18.25
Hex and Nut Driver. Inch Sizes.
334 Zoll
Hex Driver with T-Handle.
Inch Sizes.
Blade:
Chrome-vanadium steel, through hardened, nickel-plated.
Handle:
Wiha T-Handle.
Application:
For high torque transfer with minimal effort.
Order-No.
02802 2
3/32
150
182
80
26
2.38
10
2.58
02803 9
7/64
150
182
80
26
2.78
10
2.58
02804 6
1/8
150
182
80
26
3.18
10
2.50
02805 3
9/64
150
182
80
26
3.57
10
2.50
02806 0
5/32
150
182
80
26
3.97
10
2.35
02807 7
3/16
150
182
100
32
4.76
10
2.66
02808 4
7/32
150
182
100
32
5.56
10
3.05
02809 1
1/4
150
182
100
32
6.35
10
3.20
02810 7
5/16
150
182
100
32
7.94
10
3.47
02811 4
3/8
150
188
120
38
9.53
10
6.10
336 Zoll
Hex Nut Driver with T-Handle.
Inch Sizes.
Blade:
Chrome-vanadium steel, through hardened, nickel-plated.
Handle:
Wiha T-Handle.
Application:
For high torque transfer with minimal effort.
Extra:
Recess in shank to accomodate for long screws.
Order-No.
02819 0
3/16
150
182
100
32
4.76
10
5.10
02820 6
1/4
150
182
100
32
6.35
10
5.50
02821 3
5/16
150
182
100
32
7.94
10
5.90
02822 0
3/8
150
182
100
32
9.53
10
6.30
02823 7
7/16
150
182
100
32 11.11
10
7.70
02824 4
1/2
150
182
100
32 12.70
10
8.40
Colour-coding system:
red:
metric hex blades
yellow:
inch hex blades
green:
TORX® blades
light green:
TORX PLUS® blades
Wiha Info


Similar Part No. - 02804

ManufacturerPart #DatasheetDescription
logo
Wiha Tools
02804 WIHA-02804 Datasheet
61Kb / 1P
L-key with T-handle
02804 WIHA-02804 Datasheet
133Kb / 1P
Hex driver with T-handle. Inch sizes
More results

Similar Description - 02804

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1810 ALTERA-EP1810 Datasheet
1Mb / 41P
Classic EPLD Family
EP220 ALTERA-EP220 Datasheet
398Kb / 16P
Classic EPLDs
logo
List of Unclassifed Man...
00097 ETC1-00097 Datasheet
513Kb / 2P
Wiha Square Handle, The Classic Screwdriver for Multiple Applications
D33040 ETC2-D33040 Datasheet
28Kb / 1P
Classic PL Desk Lamps
logo
Bud Industries, Inc.
AGC-9268 BUD-AGC-9268 Datasheet
58Kb / 1P
CLASSIC II CABINET
logo
OSRAM GmbH
CLASSICA7512W OSRAM-CLASSICA7512W Datasheet
189Kb / 4P
PARATHOM CLASSIC A | LED lamps, classic bulb shape
logo
Microchip Technology
RN4678 MICROCHIP-RN4678 Datasheet
854Kb / 2P
The Easy-to-Use, Flexible Solution for BLE and Bluetooth Classic Connectivity
10/16
logo
STMicroelectronics
SPBT3.0DP2 STMICROELECTRONICS-SPBT3.0DP2 Datasheet
839Kb / 31P
Bluetooth® Classic module
May-2018
logo
Lapp.
1119752 LAPP-1119752 Datasheet
180Kb / 2P
ÖLFLEX CLASSIC 110
03.03.2023
logo
List of Unclassifed Man...
BT2025 ETC-BT2025 Datasheet
699Kb / 2P
BT 2025 Classic V2
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com