Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HALHYDROKITSWT35 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # HALHYDROKITSWT35
Description  Kit Halo Pro Hydro
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

HALHYDROKITSWT35 Datasheet(HTML) 1 Page - OSRAM GmbH

  HALHYDROKITSWT35 Datasheet HTML 1Page - OSRAM GmbH HALHYDROKITSWT35 Datasheet HTML 2Page - OSRAM GmbH HALHYDROKITSWT35 Datasheet HTML 3Page - OSRAM GmbH HALHYDROKITSWT35 Datasheet HTML 4Page - OSRAM GmbH HALHYDROKITSWT35 Datasheet HTML 5Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Kit Halo Pro Hydro
LUM – Technical Information
Kit Halo Pro Hydro
Status as of 06.08.2009
Subject to modification
Page 1 / 5
LUM – Technical Information
A recessed spot for orientate
illumination.
Tender text
•
Professional solution, ready to install, kit version (all components inside the
packaging)
•
Interior illuminating with comfortable atmosphere. For bathroom lighting, showers,
humidity areas, kitchens, locker rooms, gymnasiums…
•
False ceiling integration, safety class 3, IP24, IK02
•
Mains voltage 230/240V, mains frequency 50–60Hz
•
Equipped with Halogen DECOSTAR
® DR51 Energy Saver, 35W 12V, color
temperature 3100 K, lifetime 5000 h
•
Equipped with electronic control gear dimmable: Trailing edge phase control.
Table of contents:
Tender text..................................................................................................... 1
A) Technical Information .............................................................................. 2
1) Housing, Mounting and Accessories .......................................................................2
2) Electrical Installation .................................................................................................3
3) Optical features ..........................................................................................................4
4) Control ........................................................................................................................5
B) Logistic Data............................................................................................. 5


Similar Part No. - HALHYDROKITSWT35

ManufacturerPart #DatasheetDescription
logo
LEM
HAL 100-S LEM-HAL 100-S Datasheet
602Kb / 4P
Current Transducer
1July2015/version 7
HAL 200-S LEM-HAL 200-S Datasheet
602Kb / 4P
Current Transducer
1July2015/version 7
HAL 300-S LEM-HAL 300-S Datasheet
602Kb / 4P
Current Transducer
1July2015/version 7
HAL 400-S LEM-HAL 400-S Datasheet
602Kb / 4P
Current Transducer
1July2015/version 7
HAL 50-S LEM-HAL 50-S Datasheet
602Kb / 4P
Current Transducer
1July2015/version 7
More results

Similar Description - HALHYDROKITSWT35

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PA4942 ETC2-PA4942 Datasheet
149Kb / 1P
GripPack SurePunch Pro Installers Kit
FBA06T12HS ETC2-FBA06T12HS Datasheet
49Kb / 2P
Bearing Type Hydro Wave
logo
NTE Electronics
72-072 NTE-72-072 Datasheet
173Kb / 2P
Multi?뭁in Connector Test Lead Kit, Pro Edition
logo
Intel Corporation
NUC9I9QNX INTEL-NUC9I9QNX Datasheet
2Mb / 69P
Intel NUC 9 Extreme/Pro Kit
logo
Microchip Technology
WLR089 MICROCHIP-WLR089 Datasheet
330Kb / 2P
XPLAINED PRO EVALUATION KIT
8/20
logo
SparkFun Electronics
KIT-15349 SPARKFUN-KIT-15349 Datasheet
208Kb / 2P
SparkFun Qwiic Pro Kit
11??2??9
logo
IOGEAR
GPLHDPROK IOGEAR-GPLHDPROK Datasheet
158Kb / 2P
Video Over Powerline PRO Kit for 2 TVs
GPLHDPROK2 IOGEAR-GPLHDPROK2 Datasheet
152Kb / 2P
Video Over Powerline PRO Kit for 3 TVs
GPLHDPROK3 IOGEAR-GPLHDPROK3 Datasheet
162Kb / 2P
Video Over Powerline PRO Kit for 4 TVs
logo
List of Unclassifed Man...
TNP800 ETC-TNP800 Datasheet
220Kb / 2P
Net Prowler™ Deluxe PRO Test Kit
6/1/2018
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com