Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HALHYDROKITSWT35 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # HALHYDROKITSWT35
Description  Kit Halo Pro Hydro
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

HALHYDROKITSWT35 Datasheet(HTML) 5 Page - OSRAM GmbH

  HALHYDROKITSWT35 Datasheet HTML 1Page - OSRAM GmbH HALHYDROKITSWT35 Datasheet HTML 2Page - OSRAM GmbH HALHYDROKITSWT35 Datasheet HTML 3Page - OSRAM GmbH HALHYDROKITSWT35 Datasheet HTML 4Page - OSRAM GmbH HALHYDROKITSWT35 Datasheet HTML 5Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Kit Halo Pro Hydro
LUM – Technical Information
Kit Halo Pro Hydro
Status as of 06.08.2009
Subject to modification
Page 5 / 5
4) Control
•
Electronic control gear
Product name
Ballast / Control gear
Electronic control gear for 12V lamps
Permissible sinusoidal
operating voltage [VAC]
220 to 240
Mains frequency [Hz]
50 / 60
Secondary voltage
11,5V
11,5V
11,5V
11,5V
Wattage range [W]
20 - 60
20 - 60
20 - 60
20 - 60
Dimmable [Yes/No]
Trailing edge phase control
Through-wiring
No
ECG certification
EMC – CE - SEMCO
B) Logistic Data
Product name
Product number
Lamp base
Color
temperature
SU
Kit Halo Pro Hydro R 1x35W White
4008321 399045
GU5.3
3100 K
6x1
Kit Halo Pro Hydro R 3x35W White
4008321 445636
GU5.3
3100 K
4x1
Kit Halo Pro Hydro R 1x35W
Brushed Nickel
4008321 399069
GU5.3
3100 K
6x1
Kit Halo Pro Hydro R 3x35W
Brushed Nickel
4008321 445650
GU5.3
3100 K
4x1
Kit Halo Pro Hydro S 1x35W White
4008321 399083
GU5.3
3100 K
6x1
Kit Halo Pro Hydro S 3x35W White
4008321 445674
GU5.3
3100 K
4x1
Kit Halo Pro Hydro S 1x35W
Brushed Nickel
4008321 399106
GU5.3
3100 K
6x1
Kit Halo Pro Hydro S 3x35W
Brushed Nickel
4008321 445698
GU5.3
3100 K
4x1
•
Content : spot + lamp + ECG + fixing system + lamp holder & wiring + user manual



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com