Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HALHYDROKITSWT35 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # HALHYDROKITSWT35
Description  Kit Halo Pro Hydro
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

HALHYDROKITSWT35 Datasheet(HTML) 4 Page - OSRAM GmbH

  HALHYDROKITSWT35 Datasheet HTML 1Page - OSRAM GmbH HALHYDROKITSWT35 Datasheet HTML 2Page - OSRAM GmbH HALHYDROKITSWT35 Datasheet HTML 3Page - OSRAM GmbH HALHYDROKITSWT35 Datasheet HTML 4Page - OSRAM GmbH HALHYDROKITSWT35 Datasheet HTML 5Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Kit Halo Pro Hydro
LUM – Technical Information
Kit Halo Pro Hydro
Status as of 06.08.2009
Subject to modification
Page 4 / 5
3) Optical features
Product name
Equipped with Lamp
Yes
Number of lamp
1
3
1
3
1
3
1
3
Lamp type
OSRAM DR 51 ES 35W 12V (48865 ES WFL)
EAN
4050300 516639
Base
GU5.3
Lifespan lamp
5 000 h
Beam angle [°]
36
Color temperature [K]
3 100
Luminous intensity
[cd]
2 200
2300
1840
1380
920
460
0
cd
–90°
–60°
0°
30°
60°
90°
–30°
0,5 m
8500 lx
Ø 0,35 m
1,0 m
2,0 m
3,0 m
2200 lx
Ø 0,70 m
550 lx
Ø 1,40 m
240 lx
Ø 2,10 m
–90° –70° –50° –30° –10°
10°
30°
50°
70°
90°



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com