Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DT1384 Datasheet(PDF) 19 Page - OSRAM GmbH

Part # DT1384
Description  Economical long-life light sources with plug-in bases
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DT1384 Datasheet(HTML) 19 Page - OSRAM GmbH

Back Button DT1384 Datasheet HTML 15Page - OSRAM GmbH DT1384 Datasheet HTML 16Page - OSRAM GmbH DT1384 Datasheet HTML 17Page - OSRAM GmbH DT1384 Datasheet HTML 18Page - OSRAM GmbH DT1384 Datasheet HTML 19Page - OSRAM GmbH DT1384 Datasheet HTML 20Page - OSRAM GmbH DT1384 Datasheet HTML 21Page - OSRAM GmbH DT1384 Datasheet HTML 22Page - OSRAM GmbH DT1384 Datasheet HTML 23Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 82 page
background image
Only OSRAM DULUX® lamps with four-pin bases are suitable for electronic operation.
In particular, OSRAM DULUX® L 40 W, 55 W and 80 W and OSRAM DULUX® T/E 32 W,
42 W, 57 W and 70 W are approved exclusively for electronic operation.
Single-lamp and two-lamp operation are the most common arrangements for ECG
operation.
The following table shows the data for reference lamps:
Measurement conditions
according to IEC 60901:
Operation on reference gear
Operating frequency 25 kHz
Ambient temperature 25°C
Lamps aged for 100 hours
Base-up position for OSRAM DULUX® S/E, D/E, T/E
Horizontal position for OSRAM DULUX® L, F
2. Lamp data
18
Economical long-life light sources with plug-in bases.
Compact Fluorescent Lamps OSRAM DULUX®
Technical Guide
2.2
Operating modes
and electrical data
2.2.1 Electronic
operation
Lamp
Luminous
Lamp
Luminous
Arc
Lamp
reference
flux
wattage
efficacy
voltage current
lm
W
lm/W
V
mA
OSRAM DULUX® S/E 5W
250
5
50
27
190
OSRAM DULUX® S/E 7W
400
6.5
62
37
175
OSRAM DULUX® S/E 9W
600
8
75
48
170
OSRAM DULUX® S/E 11W
850
11
77
75
150
OSRAM DULUX® D/E 10W
600
9.5
63
51
190
OSRAM DULUX® D/E 13W
850
12.5
68
77
165
OSRAM DULUX® D/E 18W
1150
16.5
70
80
210
OSRAM DULUX® D/E 26W
1750
24
73
80
300
OSRAM DULUX® T/E 13W
850
12.5
68
77
165
OSRAM DULUX® T/E 18W 1)
1150
16.5
70
80
210
OSRAM DULUX® T/E 26W 1)
1750
24
73
80
300
OSRAM DULUX® T/E 32W 1)
2400
32
75
100
320
OSRAM DULUX® T/E 42W 1)
3200
43
74
135
320
OSRAM DULUX® T/E 57W 2)
4300
57
75
182
320
OSRAM DULUX® T/E 70W 2)3) 5200
70
74
219
320
OSRAM DULUX® L 18W
1150
16
72
50
320
OSRAM DULUX® L 24W
1750
22
80
75
300
OSRAM DULUX® L 36W
2800
32
88
90
360
OSRAM DULUX® L 40W
3500
40
88
126
320
OSRAM DULUX® L 55W
4800
55
87
101
550
OSRAM DULUX® L 80W
6000
80
75
145
555
OSRAM DULUX® F 18W
1050
16
66
50
320
OSRAM DULUX® F 24W
1650
22
75
75
300
OSRAM DULUX® F 36W
2700
32
84
90
360
1) Also as the „IN“ version
2) Only as the „IN“ version
3) In preparation, provisional data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com