Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DT1384 Datasheet(PDF) 39 Page - OSRAM GmbH

Part # DT1384
Description  Economical long-life light sources with plug-in bases
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DT1384 Datasheet(HTML) 39 Page - OSRAM GmbH

Back Button DT1384 Datasheet HTML 35Page - OSRAM GmbH DT1384 Datasheet HTML 36Page - OSRAM GmbH DT1384 Datasheet HTML 37Page - OSRAM GmbH DT1384 Datasheet HTML 38Page - OSRAM GmbH DT1384 Datasheet HTML 39Page - OSRAM GmbH DT1384 Datasheet HTML 40Page - OSRAM GmbH DT1384 Datasheet HTML 41Page - OSRAM GmbH DT1384 Datasheet HTML 42Page - OSRAM GmbH DT1384 Datasheet HTML 43Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 82 page
background image
3. Circuits
38
Economical long-life light sources with plug-in bases.
Compact Fluorescent Lamps OSRAM DULUX®
Technical Guide
3.2.3 Operation of
OSRAM DULUX®
S/E, D/E and T/E
with external
starter and CCG
OSRAM DULUX® S, D and T lamps (with two-pin bases) have been designed specifi-
cally for operation with conventional control gear. Integrated in their bases is a special-
ly developed glow starter that has been adapted to the particular requirements of
these compact fluorescent lamps. OSRAM DULUX® S/E, D/E and T/E with four-pin
bases are intended for operation with electronic control gear, and hence without a star-
ter. Generally, it is possible to operate OSRAM DULUX® S/E, D/E and T/E lamps (13 W,
18 W and 26 W only) with conventional control gear and an external starter under nor-
mal operating conditions. However, there is no starter currently available on the market
that has been designed specifically for this purpose (see also 6.3).
In this mode, considerable limitations can therefore be expected, such as greatly
reduced lamp life with lamp glass blackening on the electrode side and longer
ignition times. For this reason, this mode of operation is not recommended or
supported by OSRAM.
OSRAM DULUX® T/E 32 W, 42 W, 57 W and 70 W lamps and OSRAM DULUX® L 40,
55 and 80 W lamps are approved only for ECG operation owing to their high arc
voltages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com