Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DT1384 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # DT1384
Description  Economical long-life light sources with plug-in bases
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DT1384 Datasheet(HTML) 5 Page - OSRAM GmbH

  DT1384 Datasheet HTML 1Page - OSRAM GmbH DT1384 Datasheet HTML 2Page - OSRAM GmbH DT1384 Datasheet HTML 3Page - OSRAM GmbH DT1384 Datasheet HTML 4Page - OSRAM GmbH DT1384 Datasheet HTML 5Page - OSRAM GmbH DT1384 Datasheet HTML 6Page - OSRAM GmbH DT1384 Datasheet HTML 7Page - OSRAM GmbH DT1384 Datasheet HTML 8Page - OSRAM GmbH DT1384 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 82 page
background image
1. General
4
Economical long-life light sources with plug-in bases.
Compact Fluorescent Lamps OSRAM DULUX®
Technical Guide
1.2
The OSRAM
DULUX® range
Lamps with integrated
starter and two-pin
base for conventional
operation
OSRAM DULUX® S
Super slim
OSRAM DULUX® lamps are innovative light sources with the following features:
• Small dimensions
• Low thermal output
• Low power consumption
• Different light colours
• High luminous efficacy
• Excellent colour rendering
• Long life
• Wide range of types and wattages
©
5 W = 250 lm
©
7 W = 400 lm
©
9 W = 600 lm
©
11 W = 900 lm
OSRAM DULUX® S is a single-turn lamp with a 12 mm tube diameter and G23 two-
pin base. The starter components are housed in the lower section of the base. This
lamp has already become a classic and is used in a wide range of applications.
Many luminaires (wall-mounted, desktop, workplace, low-profile surface-mounted,
downlight and outdoor) are built around this basic model of the compact fluorescent
lamp.
OSRAM DULUX® T
Ultra short
OSRAM DULUX® T is a new version with triple-turn tubes for an extremely short overall
length.
The starter components are housed in the lower section of the base. The two-pin base is
a GX24d base. This type of lamp is ideal for shallow downlights and can also be used in
various indoor and outdoor luminaires. OSRAM DULUX® T 13, 18 and 26 W can be
used with lampholder systems for OSRAM DULUX® D 13, 18 and 26 W. The only thing
to remember is that upper section of the base on the T version is larger.
OSRAM DULUX® T 13, 18 and 26 W lamps can be operated on the same control gear
as OSRAM DULUX® D 13, 18 and 26 W lamps.
OSRAM DULUX® S, D, T and T IN lamps with two-pin bases (CCG operation) are not
suitable for emergency systems or dc operation.
OSRAM DULUX® D
Super short
©
10 W =
600 lm
©
13 W =
900 lm
©
18 W = 1200 lm
©
26 W = 1800 lm
OSRAM DULUX® D is a lamp with double-turn tubes, which make it much shorter than
the S version. The starter components are housed in the lower section of the G24d
base. These lamps are used mainly in single or multi-lamp downlights. They can also be
found in a wide variety of indoor and outdoor luminaires.
25 W
40 W
60 W
75 W
60 W
75 W
100 W
2 x 75 W
75 W
100 W
2 x 75 W
©
13 W =
900 lm
©
18 W = 1200 lm
©
26 W = 1800 lm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com