Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP100-65 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SMP100-65
Description  COMMUNICATION EQUIPMENT PROTECTION: TRISIL TM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMP100-65 Datasheet(HTML) 1 Page - STMicroelectronics

  SMP100-65 Datasheet HTML 1Page - STMicroelectronics SMP100-65 Datasheet HTML 2Page - STMicroelectronics SMP100-65 Datasheet HTML 3Page - STMicroelectronics SMP100-65 Datasheet HTML 4Page - STMicroelectronics SMP100-65 Datasheet HTML 5Page - STMicroelectronics SMP100-65 Datasheet HTML 6Page - STMicroelectronics SMP100-65 Datasheet HTML 7Page - STMicroelectronics SMP100-65 Datasheet HTML 8Page - STMicroelectronics SMP100-65 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SMP100-xxx
®
August 1999 - Ed : 8A
COMMUNICATION EQUIPMENT PROTECTION: TRISIL
TM
BIDIRECTIONAL CROWBAR PROTECTION
VOLTAGE RANGE : FROM 8V to 270V
REPETITIVE PEAK PULSE CURRENT:
IPP = 100 A (10/1000
µs)
HOLDING CURRENT: IH = 150mA or 225mA
LOW LEAKAGE CURRENT: IR =2
µA max
FEATURES
The SMP100 series are transient surge ar-
restors used for the protection of sensitive tele-
com equipment.
DESCRIPTION
SCHEMATIC DIAGRAM
Any sensitive equipment requiring protection
against lightning strikes :
ANALOG AND DIGITAL LINE CARDS
MAIN DISTRIBUTION FRAMES
TERMINALS AND TRANSMISSION
EQUIPMENT
GAS-TUBE REPLACEMENT
MAIN APPLICATIONS
NO AGEING AND NO NOISE
IF DESTROYED, THE SMP100 FALLS INTO
SHORT CIRCUIT,STILLENSURINGPROTECTION
BOARD SPACE SAVING
BENEFITS
SMB
(JEDEC DO-214AA)
COMPLIES WITH THE
FOLLOWING STANDARDS:
Peak Surge
Voltage
(V)
Voltage
Waveform
(
µs)
Current
Waveform
(
µs)
Admissible
Ipp
(A)
Necessary
Resistor
(
Ω)
ITU K20
4000
10/700
5/310
100
-
VDE0433
4000
10/700
5/310
100
-
VDE0878
4000
1.2/50
1/20
100
-
IEC-1000-4-5
level 4
level 4
10/700
1.2/50
5/310
8/20
100
100
-
-
FCC Part 68, lightning surge
type A
1500
800
10/160
10/560
10/160
10/560
200
100
-
-
FCC Part 68, lightning surge
type B
100
9/720
5/320
25
-
BELLCORE TR-NWT-001089
First level
2500
1000
2/10
10/1000
2/10
10/1000
500
100
-
-
BELLCORE TR-NWT-001089
Second level
5000
2/10
2/10
500
-
CNET l31-24
4000
0.5/700
0.8/310
100
-
1/9


Similar Part No. - SMP100-65

ManufacturerPart #DatasheetDescription
logo
Seme LAB
SMP1000G-JQ SEME-LAB-SMP1000G-JQ Datasheet
55Kb / 2P
P.I.N. PHOTODIODE
SMP1000G-KP SEME-LAB-SMP1000G-KP Datasheet
55Kb / 2P
P.I.N. PHOTODIODE
logo
Sangdest Microelectroni...
SMP1005-01ETG SMC-SMP1005-01ETG Datasheet
277Kb / 5P
Mobile Phones
SMP1005-01WTG SMC-SMP1005-01WTG Datasheet
280Kb / 5P
Industries smallest ESD footprint available
SMP1008-01WTG SMC-SMP1008-01WTG Datasheet
287Kb / 5P
Portable Medical
More results

Similar Description - SMP100-65

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMP50-XXX STMICROELECTRONICS-SMP50-XXX Datasheet
81Kb / 8P
TELECOM EQUIPMENT PROTECTION: TRISIL?
SMP75-8 STMICROELECTRONICS-SMP75-8 Datasheet
89Kb / 8P
TRISIL TM FOR TELECOM EQUIPMENT PROTECTION
02-Jan-2006
SMP80MC-270 STMICROELECTRONICS-SMP80MC-270 Datasheet
82Kb / 8P
TELECOM EQUIPMENT PROTECTION TRISIL
Sep-2003
SMP100MC STMICROELECTRONICS-SMP100MC Datasheet
108Kb / 10P
TRISIL™ FOR TELECOM EQUIPMENT PROTECTION
December 2004 REV. 1
SMP30 STMICROELECTRONICS-SMP30 Datasheet
92Kb / 8P
TELECOM EQUIPMENT PROTECTION: TRISIL
Nov-2002
SMP80MC STMICROELECTRONICS-SMP80MC Datasheet
85Kb / 9P
TRISIL FOR TELECOM EQUIPMENT PROTECTION
20-Jun-2005
SMP50 STMICROELECTRONICS-SMP50 Datasheet
106Kb / 10P
TRISIL FOR TELECOM EQUIPMENT PROTECTION
16-Nov-2004
SMP30 STMICROELECTRONICS-SMP30_04 Datasheet
87Kb / 9P
TRISIL FOR TELECOM EQUIPMENT PROTECTION
13-Dec-2004
SMP100LC STMICROELECTRONICS-SMP100LC_07 Datasheet
148Kb / 12P
Trisil for telecom equipment protection
05-Mar-2007
SMP100LC-65 STMICROELECTRONICS-SMP100LC-65 Datasheet
65Kb / 8P
TELECOM EQUIPMENT PROTECTION: TRISIL?
Jul-2002
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com