Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP100-65 Datasheet(PDF) 5 Page - STMicroelectronics

Part # SMP100-65
Description  COMMUNICATION EQUIPMENT PROTECTION: TRISIL TM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMP100-65 Datasheet(HTML) 5 Page - STMicroelectronics

  SMP100-65 Datasheet HTML 1Page - STMicroelectronics SMP100-65 Datasheet HTML 2Page - STMicroelectronics SMP100-65 Datasheet HTML 3Page - STMicroelectronics SMP100-65 Datasheet HTML 4Page - STMicroelectronics SMP100-65 Datasheet HTML 5Page - STMicroelectronics SMP100-65 Datasheet HTML 6Page - STMicroelectronics SMP100-65 Datasheet HTML 7Page - STMicroelectronics SMP100-65 Datasheet HTML 8Page - STMicroelectronics SMP100-65 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TEST CIRCUIT 2 for IH parameter.
R
-VP
VBAT = - 48 V
Surge generator
D.U.T.
This is a GO-NO GO test which allows to confirm the holding current (IH) level in a functional test circuit.
TEST PROCEDURE :
- Adjust the current level at the IH value by short circuiting the D.U.T.
- Fire the D.U.T. with a surge current : Ipp = 10A, 10/1000
µs.
- The D.U.T. will come back to the off-state within 50 ms max.
100 V /
µs, di/dt < 10 A / µs, Ipp = 100 A
1kV /
µs, di/dt < 10 A / µs, Ipp = 10 A
U
U
10
µF
2
Ω
45
Ω
66
Ω
470
Ω
83
Ω
0.36 nF
46
µH
60
µF
26
µH
12
Ω
250
Ω
46
µH
47
Ω
KeyTek ’System 2’ generator with PN246I module
KeyTek ’System 2’ generator with PN246I module
TEST CIRCUITS 3 FOR VBO DYNAMIC PARAMETERS
SMP100-xxx
5/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com