Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP100-65 Datasheet(PDF) 2 Page - STMicroelectronics

Part # SMP100-65
Description  COMMUNICATION EQUIPMENT PROTECTION: TRISIL TM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMP100-65 Datasheet(HTML) 2 Page - STMicroelectronics

  SMP100-65 Datasheet HTML 1Page - STMicroelectronics SMP100-65 Datasheet HTML 2Page - STMicroelectronics SMP100-65 Datasheet HTML 3Page - STMicroelectronics SMP100-65 Datasheet HTML 4Page - STMicroelectronics SMP100-65 Datasheet HTML 5Page - STMicroelectronics SMP100-65 Datasheet HTML 6Page - STMicroelectronics SMP100-65 Datasheet HTML 7Page - STMicroelectronics SMP100-65 Datasheet HTML 8Page - STMicroelectronics SMP100-65 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Symbol
Parameter
Value
Unit
Rth(j-I)
Junction to leads
20
°C/W
Rth(j-a)
Junction to ambient on printed circuit
(with standard footprint dimensions)
100
°C/W
THERMAL RESISTANCES
Symbol
Parameter
Value
Unit
Ipp
Peak pulse current:
10/1000
µs (open circuit voltage waveform 1 kV 10/1000 µs)
5/310
µs
(open circuit voltage waveform 4 kV, 10/700
µs)
8/20
µs
(open circuit voltage waveform 4 kV
1.2/50
µs)
2/10
µs
(open circuit voltage waveform 2.5kV
2/10
µs)
100
150
250
500
A
A
A
A
IFS
Fail-safe mode
8/20
µs5
kA
ITSM
Non repetitive surge peak on-state current
One cycle
50Hz
60Hz
55
60
A
A
Non repetitive surge peak on-state current
F = 50Hz
0.2s
2s
25
12
A
A
TL
Maximum lead temperature for soldering during 10s
260
°C
Tstg
Tj
Storage temperature range
Maximum junction temperature
- 55 to + 150
150
°C
°C
ABSOLUTE MAXIMUM RATINGS (Tamb
= 25°C)
100
50
%IPP
t
t
r
p
0
t
Note 1: Pulse waveform
10 / 1000
µstr = 10 µs
tp = 1000
µs
8/ 20
µstr = 8 µstp = 20 µs
5 / 310
µstr = 5 µs
tp = 310
µs
1/ 20
µstr = 1 µstp = 20 µs
2/ 10
µstr = 2 µstp = 10 µs
SMP100-xxx
2/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com