Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMTHBT200 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SMTHBT200
Description  TRISILTM FOR LINE CARD PROTECTION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMTHBT200 Datasheet(HTML) 1 Page - STMicroelectronics

  SMTHBT200 Datasheet HTML 1Page - STMicroelectronics SMTHBT200 Datasheet HTML 2Page - STMicroelectronics SMTHBT200 Datasheet HTML 3Page - STMicroelectronics SMTHBT200 Datasheet HTML 4Page - STMicroelectronics SMTHBT200 Datasheet HTML 5Page - STMicroelectronics SMTHBT200 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SMTHBT200
®
August 1999 - Ed : 3A
TRISIL
TM FOR LINE CARD PROTECTION
BIDIRECTIONAL CROWBAR PROTECTION
REPETITIVE PEAK PULSE CURRENT:
IPP = 100 A (10/1000
µs)
HOLDING CURRENT: IH = 150 mA
BREAKDOWN VOLTAGE : 200V min
BREAKOVER VOLTAGE : 265V max
FEATURES
This protection device has been especially
designed to protect subscriber line cards using
SLICS without integrate d ring gen erators.
The
SMTHBT200
device
protects
ring
generat or
relays
against
transient
DESCRIPTION
- CCITT K20:
10/700
µs4 kV
5/310
µs
100 A
- VDE 0433:
10/700
µs4 kV
5/310
µs
100 A
- VDE 0878:
1.2/50
µs4 kV
1/20
µs
100 A
- FCC Part 68:
2/10
µs
2.5 kV
BELLCORE TR-NWT-001089:
2/10
µs
500 A
- BELLCORE TR-NWT-000974: 10/1000
µs1 kV
10/1000
µs
100 A
INACCORDANCE WITH THEFOLLOWINGSTANDARDS :
SCHEMATIC DIAGRAM
SMC
1/6


Similar Part No. - SMTHBT200

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMTHDT120 STMICROELECTRONICS-SMTHDT120 Datasheet
47Kb / 6P
TRISILTM DISCRETE SOLUTION FOR ISDN PROTECTION
Apr-1999
SMTHDT58 STMICROELECTRONICS-SMTHDT58 Datasheet
47Kb / 6P
TRISILTM DISCRETE SOLUTION FOR ISDN PROTECTION
Apr-1999
SMTHDT80 STMICROELECTRONICS-SMTHDT80 Datasheet
47Kb / 6P
TRISILTM DISCRETE SOLUTION FOR ISDN PROTECTION
Apr-1999
SMTHDTXX STMICROELECTRONICS-SMTHDTXX Datasheet
47Kb / 6P
TRISILTM DISCRETE SOLUTION FOR ISDN PROTECTION
Apr-1999
More results

Similar Description - SMTHBT200

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LS5018B STMICROELECTRONICS-LS5018B Datasheet
47Kb / 5P
TRISILTM
Sep-1998
SMP100LC-XXX STMICROELECTRONICS-SMP100LC-XXX Datasheet
66Kb / 8P
TRISILTM FOR HIGH DEBIT RATE TELECOM LINES PROTECTION
SMP30-XXX STMICROELECTRONICS-SMP30-XXX Datasheet
59Kb / 6P
TRISILTM
SMTHDTXX STMICROELECTRONICS-SMTHDTXX Datasheet
47Kb / 6P
TRISILTM DISCRETE SOLUTION FOR ISDN PROTECTION
Apr-1999
SMTPB STMICROELECTRONICS-SMTPB Datasheet
55Kb / 5P
TRISILTM
Aug-1999
SMP100LC STMICROELECTRONICS-SMP100LC Datasheet
108Kb / 10P
TRISILTM FOR TELECOM EQUIPMENT PROTECTION
20-Jun-2005
logo
FutureWafer Tech Co.,Lt...
FESD12UV-130PF FUTUREWAFER-FESD12UV-130PF Datasheet
485Kb / 3P
Single Line For ESD Protection
logo
STMicroelectronics
TP30 STMICROELECTRONICS-TP30 Datasheet
64Kb / 6P
TRISILTM
November 1998 - Ed: 5A
logo
FutureWafer Tech Co.,Lt...
FESD15UV FUTUREWAFER-FESD15UV Datasheet
485Kb / 3P
Single Line For ESD Protection
logo
PHOENIX CONTACT
FLKM-I PHOENIX-FLKM-I Datasheet
49Kb / 3P
Integrated fuse for line protection
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com