Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMTHBT200 Datasheet(PDF) 5 Page - STMicroelectronics

Part # SMTHBT200
Description  TRISILTM FOR LINE CARD PROTECTION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMTHBT200 Datasheet(HTML) 5 Page - STMicroelectronics

  SMTHBT200 Datasheet HTML 1Page - STMicroelectronics SMTHBT200 Datasheet HTML 2Page - STMicroelectronics SMTHBT200 Datasheet HTML 3Page - STMicroelectronics SMTHBT200 Datasheet HTML 4Page - STMicroelectronics SMTHBT200 Datasheet HTML 5Page - STMicroelectronics SMTHBT200 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
1E-2
1E-1
1E+0
1E+1
1E+2
1E+3
0
10
20
30
40
50
60
70
I
(A)
TSM
F=50Hz
t(s)
Fig 1 : Non repetitive surge peak on-state current
versus overload duration (Tj initial = 25
°C).
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
4.0
1
10
50
I (A)
T
Tj=25
°C
V (V)
T
Fig 2 : On-state voltage versus on-state current
(typical values).
-40
-20
0
20
40
60
80
100
120
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
IH[Tj] / IH[Tj=25
°C]
T(
°C)
j
Fig 3 : Relative variation of holding current versus
junction temperature.
1E-3
1E-2
1E-1
1E+0
1E+1
1E+2 5E+2
1
10
100
Zth(j-a)(
°CW)
t (s)
p
Fig 4 : Variation of thermal impedance junction to
ambient versus pulse duration.
1
10
100
300
0.1
0.2
0.5
1.0
C[VR]/C[VR=1V]
F=1MHz
V (V)
R
Fig 5 : Relative variation of junction capacitance
versus reverse voltage applied (typical values).
Note : For VBR upper than 62 V, the curve can be extrapolated
(dotted line)
SMTHBT200
5/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com