Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMTHBT200 Datasheet(PDF) 3 Page - STMicroelectronics

Part # SMTHBT200
Description  TRISILTM FOR LINE CARD PROTECTION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMTHBT200 Datasheet(HTML) 3 Page - STMicroelectronics

  SMTHBT200 Datasheet HTML 1Page - STMicroelectronics SMTHBT200 Datasheet HTML 2Page - STMicroelectronics SMTHBT200 Datasheet HTML 3Page - STMicroelectronics SMTHBT200 Datasheet HTML 4Page - STMicroelectronics SMTHBT200 Datasheet HTML 5Page - STMicroelectronics SMTHBT200 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Type
IRM @VRM
max.
IR @VR
max.
note 1
VBO
@IBO
max.
min.
max.
note 2
IH
min.
note 3
C
max.
note 4
µAV
µAV
V
mA
mA
mA
pF
SMTHBT200
10
180
50
200
265
150
800
150
150
Note 2 : IR measured at VR guarantees VBR>VR
Note 2 : Measured at 50Hz, see test circuit 1.
Note 3 : See functional holding current test circuit 2.
Note 4 : VR=1V bias, VRMS=1V, F=1MHz.
STATIC PARAMETERS
Symbol
Parameter
VRM
Stand-off voltage
IRM
Leakage current at stand-off voltage
VR
Continuous Reverse voltage
VBR
Breakdown voltage
VBO
Breakover voltage
IH
Holding current
IBO
Breakover current
IPP
Peak pulse current
C
Capacitance
ELECTRICAL CHARACTERISTICS (Tamb =25
°C)
SMTHBT200
3/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com