Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52811-QCAA-R Datasheet(PDF) 86 Page - Nordic Semiconductor

Part # NRF52811-QCAA-R
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R Datasheet(HTML) 86 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R Datasheet HTML 82Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 83Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 84Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 85Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 86Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 87Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 88Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 89Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 90Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 444 page
background image
Peripherals
The key-stream will be stored in the AES CCM’s temporary memory area, specified by the SCRATCHPTR on
page 95, where it will be used in subsequent encryption and decryption operations.
For default length packets (MODE.LENGTH = Default) the size of the generated key-stream is 27 bytes.
When using extended length packets (MODE.LENGTH = Extended) the MAXPACKETSIZE on page 96
register specifies the length of the key-stream to be generated. The length of the generated key-stream
must be greater or equal to the length of the subsequent packet payload to be encrypted or decrypted.
The maximum length of the key-stream in extended mode is 251 bytes, which means that the maximum
packet payload size is 251.
If a shortcut is used between ENDKSGEN event and CRYPT task, the INPTR on page 95 pointer and the
OUTPTR on page 95 pointers must also be configured before the KSGEN task is triggered.
6.4.2 Encryption
During packet encryption, the AES CCM will read the unencrypted packet located in RAM at the address
specified in the INPTR pointer, encrypt the packet and append a four byte long Message Integrity Check
(MIC) field to the packet.
Encryption is started by triggering the CRYPT task with the MODE on page 94 register set to
ENCRYPTION. An ENDCRYPT event will be generated when packet encryption is completed
The AES CCM will also modify the length field of the packet to adjust for the appended MIC field, that is,
add four bytes to the length, and store the resulting packet back into RAM at the address specified in the
OUTPTR on page 95 pointer, see Encryption on page 86.
Empty packets (length field is set to 0) will not be encrypted but instead moved unmodified through the
AES CCM.
The CCM supports different widths of the LENGTH field in the data structure for encrypted packets. This is
configured in the MODE on page 94 register.
AES CCM
H
PL
L
RFU
H
EPL
L+4 RFU
Unencrypted packet
Encrypted packet
MIC
Scratch area
CCM data
structure
MODE = ENCRYPTION
H: Header (S0)
L: Length
RFU: reserved for future use (S1)
PL: unencrypted payload
EPL: encrypted payload
INPTR
OUTPTR
SCRATCHPTR
CNFPTR
Figure 27: Encryption
6.4.3 Decryption
During packet decryption, the AES CCM will read the encrypted packet located in RAM at the address
specified in the INPTR pointer, decrypt the packet, authenticate the packet’s MIC field and generate the
appropriate MIC status.
Decryption is started by triggering the CRYPT task with the MODE on page 94 register set to
DECRYPTION. An ENDCRYPT event will be generated when packet decryption is completed
The AES CCM will also modify the length field of the packet to adjust for the MIC field, that is, subtract
four bytes from the length, and then store the decrypted packet into RAM at the address pointed to by the
OUTPTR pointer, see Decryption on page 87.
The CCM is only able to decrypt packet payloads that are at least 5 bytes long, that is, 1 byte or more
encrypted payload (EPL) and 4 bytes of MIC. The CCM will therefore generate a MIC error for packets
where the length field is set to 1, 2, 3 or 4.
Empty packets (length field is set to 0) will not be decrypted but instead moved unmodified through the
AES CCM, these packets will always pass the MIC check.
4454_140 v1.0
86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com