Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52811-QCAA-R Datasheet(PDF) 90 Page - Nordic Semiconductor

Part # NRF52811-QCAA-R
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R Datasheet(HTML) 90 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R Datasheet HTML 86Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 87Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 88Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 89Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 90Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 91Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 92Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 93Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 94Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 444 page
background image
Peripherals
Property
Address offset
Description
HEADER
0
Packet Header
LENGTH
1
Number of bytes in encrypted payload including length of MIC
Important: LENGTH will be 0 for empty packets since the MIC is not added to empty
packets
RFU
2
Reserved Future Use
PAYLOAD
3
Encrypted payload
MIC
3 + payload length
ENCRYPT: 4 bytes encrypted MIC
Important: MIC is not added to empty packets
Table 27: Data structure for encrypted packet
6.4.8 EasyDMA and ERROR event
The CCM implements an EasyDMA mechanism for reading and writing to the RAM.
In cases where the CPU and other EasyDMA enabled peripherals are accessing the same RAM block at the
same time, a high level of bus collisions may cause too slow operation for correct on the fly encryption. In
this case the ERROR event will be generated.
The EasyDMA will have finished accessing the RAM when the ENDKSGEN and ENDCRYPT events are
generated.
If the CNFPTR, SCRATCHPTR, INPTR and the OUTPTR are not pointing to the Data RAM region, an EasyDMA
transfer may result in a HardFault or RAM corruption. See Memory on page 16 for more information about
the different memory regions.
6.4.9 Registers
Base address
Peripheral
Instance
Description
Configuration
0x4000F000
CCM
CCM
AES CCM mode encryption
Table 28: Instances
Register
Offset
Description
TASKS_KSGEN
0x000
Start generation of key-stream. This operation will stop by itself when completed.
TASKS_CRYPT
0x004
Start encryption/decryption. This operation will stop by itself when completed.
TASKS_STOP
0x008
Stop encryption/decryption
TASKS_RATEOVERRIDE
0x00C
Override DATARATE setting in MODE register with the contents of the RATEOVERRIDE register
for any ongoing encryption/decryption
EVENTS_ENDKSGEN
0x100
Key-stream generation complete
EVENTS_ENDCRYPT
0x104
Encrypt/decrypt complete
EVENTS_ERROR
0x108
CCM error event
Deprecated
SHORTS
0x200
Shortcuts between local events and tasks
INTENSET
0x304
Enable interrupt
INTENCLR
0x308
Disable interrupt
MICSTATUS
0x400
MIC check result
ENABLE
0x500
Enable
MODE
0x504
Operation mode
CNFPTR
0x508
Pointer to data structure holding AES key and NONCE vector
INPTR
0x50C
Input pointer
OUTPTR
0x510
Output pointer
SCRATCHPTR
0x514
Pointer to data area used for temporary storage
4454_140 v1.0
90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com