Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52811-QCAA-R Datasheet(PDF) 87 Page - Nordic Semiconductor

Part # NRF52811-QCAA-R
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R Datasheet(HTML) 87 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R Datasheet HTML 83Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 84Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 85Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 86Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 87Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 88Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 89Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 90Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 91Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 444 page
background image
Peripherals
The CCM supports different widths of the LENGTH field in the data structure for decrypted packets. This is
configured in the MODE on page 94 register.
AES CCM
H
PL
L
RFU
H
EPL
L+4 RFU
Unencrypted packet
Encrypted packet
MIC
Scratch area
CCM data
structure
MODE = DECRYPTION
H: Header (S0)
L: Length
RFU: reserved for future use (S1)
PL: unencrypted payload
EPL: encrypted payload
OUTPTR
INPTR
SCRATCHPTR
CNFPTR
Figure 28: Decryption
6.4.4 AES CCM and RADIO concurrent operation
The CCM module is able to encrypt/decrypt data synchronously to data being transmitted or received on
the radio.
In order for the CCM module to run synchronously with the radio, the data rate setting in the MODE on
page 94 register needs to match the radio data rate. The settings in this register apply whenever either
the KSGEN or CRYPT tasks are triggered.
The data rate setting of the MODE on page 94 register can also be overridden on-the-fly during an
ongoing encrypt/decrypt operation by the contents of the RATEOVERRIDE on page 96 register. The
data rate setting in this register applies whenever the RATEOVERRIDE task is triggered. This feature can be
useful in cases where the radio data rate is changed during an ongoing packet transaction.
6.4.5 Encrypting packets on-the-fly in radio transmit mode
When the AES CCM is encrypting a packet on-the-fly at the same time as the radio is transmitting it, the
radio must read the encrypted packet from the same memory location as the AES CCM is writing to.
The OUTPTR on page 95 pointer in the AES CCM must therefore point to the same memory location as
the PACKETPTR pointer in the radio, see Configuration of on-the-fly encryption on page 87.
AES CCM
H
PL
L
RFU
H
EPL
L+4 RFU
Unencrypted packet
Encrypted packet
MIC
Scratch area
CCM data
structure
MODE = ENCRYPTION
RADIO
TXEN
To remote
receiver
H: Header (S0)
L: Length
RFU: reserved for future use (S1)
PL: unencrypted payload
EPL: encrypted payload
INPTR
OUTPTR
&
PACKETPTR
SCRATCHPTR
CNFPTR
Figure 29: Configuration of on-the-fly encryption
In order to match the RADIO’s timing, the KSGEN task must be triggered early enough to allow the key-
stream generation to complete before the encryption of the packet shall start.
For short packets (MODE.LENGTH = Default) the KSGEN task must be triggered no later than when
the START task in the RADIO is triggered. In addition the shortcut between the ENDKSGEN event and
the CRYPT task must be enabled. This use-case is illustrated in On-the-fly encryption of short packets
(MODE.LENGTH = Default) using a PPI connection on page 88 using a PPI connection between the
READY event in the RADIO and the KSGEN task in the AES CCM.
For long packets (MODE.LENGTH = Extended) the key-stream generation will need to be started even
earlier, for example at the time when the TXEN task in the RADIO is triggered.
4454_140 v1.0
87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com