Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAPT/FMEM/SMAM Datasheet(PDF) 47 Page - Siretta Limited.

Part # ADAPT/FMEM/SMAM
Description  Antennas, RF Cables & Adaptors
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRETTA [Siretta Limited.]
Direct Link  https://www.siretta.com/
Logo SIRETTA - Siretta Limited.

ADAPT/FMEM/SMAM Datasheet(HTML) 47 Page - Siretta Limited.

Back Button ADAPT/FMEM/SMAM Datasheet HTML 43Page - Siretta Limited. ADAPT/FMEM/SMAM Datasheet HTML 44Page - Siretta Limited. ADAPT/FMEM/SMAM Datasheet HTML 45Page - Siretta Limited. ADAPT/FMEM/SMAM Datasheet HTML 46Page - Siretta Limited. ADAPT/FMEM/SMAM Datasheet HTML 47Page - Siretta Limited. ADAPT/FMEM/SMAM Datasheet HTML 48Page - Siretta Limited. ADAPT/FMEM/SMAM Datasheet HTML 49Page - Siretta Limited. ADAPT/FMEM/SMAM Datasheet HTML 50Page - Siretta Limited. ADAPT/FMEM/SMAM Datasheet HTML 51Page - Siretta Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 76 page
background image
47
WiFi / Bluetooth
Cable length and connector as required
Cable length and connector as required
ADHESIVE
ADHESIVE
ADHESIVE
Cable length and connector as required
Frequencies
850, 868, 900, 1800, 1900MHz, 2.1, 2.6GHz
Operating temp
-20 to +60°C
Impedance
50 ohm
Gain
0dBi
VSWR
3.2:1
Polarization
Vertical
Size
20 x 105 x 1mm
Cable
1.13mm
Alpha 3A - Small Flat Blade Antenna
Alpha 1A - T-Bar Antenna
Frequencies
850, 868, 900, 1800, 1900MHz, 2.1, 2.4GHz
Operating temp
-40 to +85°C
Impedance
50 ohm
Gain
2dBi
VSWR
<1.5:1
Polarization
Vertical
Size
75 x 25 x 1mm
Cable
1.13mm Coax
Frequencies
850, 868, 900, 1800, 1900MHz
Operating temp
-45 to +75°C
Impedance
50 ohm
Gain
3.5dBi
VSWR
<1.5:1
Polarization
Vertical
Size
95 x 30mm
Cable
RG174
Alpha 10 - Blade Antenna



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com