Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAPT/FMEM/SMAM Datasheet(PDF) 17 Page - Siretta Limited.

Part # ADAPT/FMEM/SMAM
Description  Antennas, RF Cables & Adaptors
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRETTA [Siretta Limited.]
Direct Link  https://www.siretta.com/
Logo SIRETTA - Siretta Limited.

ADAPT/FMEM/SMAM Datasheet(HTML) 17 Page - Siretta Limited.

Back Button ADAPT/FMEM/SMAM Datasheet HTML 13Page - Siretta Limited. ADAPT/FMEM/SMAM Datasheet HTML 14Page - Siretta Limited. ADAPT/FMEM/SMAM Datasheet HTML 15Page - Siretta Limited. ADAPT/FMEM/SMAM Datasheet HTML 16Page - Siretta Limited. ADAPT/FMEM/SMAM Datasheet HTML 17Page - Siretta Limited. ADAPT/FMEM/SMAM Datasheet HTML 18Page - Siretta Limited. ADAPT/FMEM/SMAM Datasheet HTML 19Page - Siretta Limited. ADAPT/FMEM/SMAM Datasheet HTML 20Page - Siretta Limited. ADAPT/FMEM/SMAM Datasheet HTML 21Page - Siretta Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 76 page
background image
17
Antenna Finder
Antenna
GSM
UMTS
LTE
GPS
ISM
WiFi
Combined
Page/s
Tango 26
•
55
Tango 27
•
•
31
Tango 33
•
•
31
Tango 34
•
32
Tango 35
•
55
Tango 40
•
•
•
32
Tango 41
•
•
•
32
Tango 43
•
•
40
Tango 44
•
•
•
40
Amember
ofthe
OlanchaGr
oupLtd
Registered
inEngland
No.08405712
VAT
RegistrationNo.
GB16304
0349
Siretta
Ltd
BasingstokeRoad
SpencersW
ood
Reading
Berkshire
RG71PW
sales
fax
email
web
+44(0)118976
9014
+44(0)118976
9020
sales@siretta.co.uk
www.sir
etta.co.uk
Tango
35
2.4-
2.4835GHzThr
oughHole
MountAntenna
Rev1.0
KeySpecifications
-Electrical
KeySpecifications
-Mechanical
Dimensions:
ø95x
55mm
Weight:
110g±
15
Cable:
1mPRO-100
Connector:
SMAMale
RS
Material:
Radome:ABS
Color:
White
Mounting:
Screw
(Hole/
Roof)
Operatingtemperatur
e:
-30to
+60°C
Impedance:
50ohm±
5
VSWR:
≤2.0
Gain:
5dBi
Frequency
range:
2.4-
2.4835GHz
Beamwidth:
H:79.6°
/E:
61.6°
Powerhandling:
10W
Polarization:
Vertical
/Cir
cular
PRO-CELL
CO.,
LTD
.
PRO-CELLCO.
,L
TD.
No.6,
Lane
133,Sec.
1,Guo-
JiRoad,
Ta-y
uanHsiang,
Taoyuan,
Taiwan.
R.O.C.
Tel:
+886-3-
3858288
Fax:+886-
3-3858289
E-m
ail:sales
@an
ten
na.co
m.tw
http://www
.anten
na.co
m.tw
3/7
3D
Ill
ust
rat
ion
PRO-CELL
CO.,
LTD
.
PRO-CELLCO.
,L
TD.
No.6,
Lane
133,Sec.
1,Guo-
JiRoad,
Ta-y
uanHsiang,
Taoyuan,
Taiwan.
R.O.C.
Tel:
+886-3-
3858288
Fax:+886-
3-3858289
E-m
ail:sales
@an
ten
na.co
m.tw
http://www
.anten
na.co
m.tw
2/7
ElectricalSpeci
fications:
Frequency
Range
:
2.4~2.4835GHz
VSWR
:
≤2.0
Imp
edan
ce
:
50Ω
±5
Ω
For
war
dG
ain
:
5dBi
Polarization
:
Ver
tical/Circular
Pow
erH
andling
:
10W
att
BEAMWIDTH
:
H:79.6°
/E
:61.6°
MechanicalSpecifications:
Connector:
SMAMALE
RS
OperationT
emp
:
-30
~+60
℃℃
Cab
le&
Len
gth
:
PRO
-100
1M
Mat
erial
:
Rad
ome
:A
BS
Dimension(L*W*H)
:
Ø95*55mm
Weig
ht:
110g±
15g
Color
:
WHITE
Ø95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com