Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAPT/FMEM/SMAM Datasheet(PDF) 25 Page - Siretta Limited.

Part # ADAPT/FMEM/SMAM
Description  Antennas, RF Cables & Adaptors
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRETTA [Siretta Limited.]
Direct Link  https://www.siretta.com/
Logo SIRETTA - Siretta Limited.

ADAPT/FMEM/SMAM Datasheet(HTML) 25 Page - Siretta Limited.

Back Button ADAPT/FMEM/SMAM Datasheet HTML 21Page - Siretta Limited. ADAPT/FMEM/SMAM Datasheet HTML 22Page - Siretta Limited. ADAPT/FMEM/SMAM Datasheet HTML 23Page - Siretta Limited. ADAPT/FMEM/SMAM Datasheet HTML 24Page - Siretta Limited. ADAPT/FMEM/SMAM Datasheet HTML 25Page - Siretta Limited. ADAPT/FMEM/SMAM Datasheet HTML 26Page - Siretta Limited. ADAPT/FMEM/SMAM Datasheet HTML 27Page - Siretta Limited. ADAPT/FMEM/SMAM Datasheet HTML 28Page - Siretta Limited. ADAPT/FMEM/SMAM Datasheet HTML 29Page - Siretta Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 76 page
background image
25
Frequencies
850, 900, 1800, 1900MHz, 2.1GHz
Operating temp
-35 to +85°C
Impedance
50 ohm
Gain
0.67 to 5.25dB
VSWR
3.0:1 max
Polarization
Linear
Size
24 x 5.5 x 4.4mm
Connector
Solder
Echo 12 - PIFA Antenna
EMBEDDED
Frequencies
850, 868, 900, 1800, 1900MHz, 2.1, 2.6GHz
Operating temp
-20 to +60°C
Impedance
50 ohm
Gain
0dBi
VSWR
3.2:1
Polarization
Vertical
Size
20 x 105 x 1mm
Cable
1.13mm Coax
Echo 14 - PCB Antenna
Frequencies
850, 868, 900, 1800, 1900MHz, 2.1, 2.4GHz
Operating temp
-40 to +85°C
Impedance
50 ohm
Gain
2dBi
VSWR
<1.5:1
Polarization
Vertical
Size
75 x 25 x 1mm
Cable
1.13mm Coax
Echo 2 - PCB Antenna
Cable length and connector as required
EMBEDDED
Cable length and connector as required
GSM / UMTS / LTE
EMBEDDED
LTE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com