Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAPT/FMEM/FMEM Datasheet(PDF) 28 Page - Siretta Limited.

Part # ADAPT/FMEM/FMEM
Description  Antennas, RF Cables & Adaptors
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRETTA [Siretta Limited.]
Direct Link  https://www.siretta.com/
Logo SIRETTA - Siretta Limited.

ADAPT/FMEM/FMEM Datasheet(HTML) 28 Page - Siretta Limited.

Back Button ADAPT/FMEM/FMEM Datasheet HTML 24Page - Siretta Limited. ADAPT/FMEM/FMEM Datasheet HTML 25Page - Siretta Limited. ADAPT/FMEM/FMEM Datasheet HTML 26Page - Siretta Limited. ADAPT/FMEM/FMEM Datasheet HTML 27Page - Siretta Limited. ADAPT/FMEM/FMEM Datasheet HTML 28Page - Siretta Limited. ADAPT/FMEM/FMEM Datasheet HTML 29Page - Siretta Limited. ADAPT/FMEM/FMEM Datasheet HTML 30Page - Siretta Limited. ADAPT/FMEM/FMEM Datasheet HTML 31Page - Siretta Limited. ADAPT/FMEM/FMEM Datasheet HTML 32Page - Siretta Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 76 page
background image
28
Frequencies
850, 900, 1800, 1900MHz, 2.1, 2.4GHz
Operating temp
-40 to +85°C
Impedance
50 ohm
Gain
10dBi
VSWR
<2.0:1
Polarization
Vertical/Horizontal
Size
294 x 210 x 85mm
Connector
N-Type female
Frequencies
850, 900, 1800, 1900MHz, 2.1, 2.6GHz
Operating temp
-30 to +70°C
Impedance
50 ohm
Gain
7 - 8dB
VSWR
2.0:1
Polarization
Vertical
Size
170 x 35 x 147mm
Cable
RG58
Oscar 18 - Yagi Antenna
Oscar 20 - Yagi Antenna
Cable length and connector as required
Cable length and connector as required
GSM / UMTS / LTE
WALL MOUNT
WALL MOUNT
Frequencies
800 - 960 MHz, 1710MHz - 2.7GHz
Operating temp
Impedance
50 ohm
Gain
800-960MHz @ 3dBi / 1710MHz - 2.7GHz @ 5.5dBi
VSWR
<1.5
Polarization
Vertical, Linear
Size
240 x 60mm
Cable
LMR195
Oscar 40 - Omnidirectional Antenna
Cable length and connector as required
WALL MOUNT
LTE
LTE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com