Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAPT/FMEM/FMEM Datasheet(PDF) 60 Page - Siretta Limited.

Part # ADAPT/FMEM/FMEM
Description  Antennas, RF Cables & Adaptors
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRETTA [Siretta Limited.]
Direct Link  https://www.siretta.com/
Logo SIRETTA - Siretta Limited.

ADAPT/FMEM/FMEM Datasheet(HTML) 60 Page - Siretta Limited.

Back Button ADAPT/FMEM/FMEM Datasheet HTML 56Page - Siretta Limited. ADAPT/FMEM/FMEM Datasheet HTML 57Page - Siretta Limited. ADAPT/FMEM/FMEM Datasheet HTML 58Page - Siretta Limited. ADAPT/FMEM/FMEM Datasheet HTML 59Page - Siretta Limited. ADAPT/FMEM/FMEM Datasheet HTML 60Page - Siretta Limited. ADAPT/FMEM/FMEM Datasheet HTML 61Page - Siretta Limited. ADAPT/FMEM/FMEM Datasheet HTML 62Page - Siretta Limited. ADAPT/FMEM/FMEM Datasheet HTML 63Page - Siretta Limited. ADAPT/FMEM/FMEM Datasheet HTML 64Page - Siretta Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 76 page
background image
60
RF Cables
At Siretta we have produced a collection of off-the-shelf or short delivery
RF extension cables in RG174 and RG58 standard and low-loss cable
styles. These are high quality cables made to a high standard using
quality components. Availability, quality and a great price point is the
philosophy of Siretta RF cables.
RF Extension Cables
Extension cables are suitable for either direct connection to antennas that
feature a pigtail and connector output - such as the Oscar range - or for
extending existing cable runs to a longer distance.
Our cables assemblies utilitise RG58 and RG174 cables, with a choice of
SMA, FME, TNC and N-Type popular connector types. Standard cable
lengths offered are 3m, 5m and 10m, although consideration should be
given to minimising the overall cable length wherever possible to minimise
losses. This is especially important in locations with limited reception.
Please also review our low loss RF cables as we have the same
philosophy of quality, availability and a great price point for this range too.
RG58 and RG174 Standard and Low Loss Versions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com