Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAPT/FMEM/FMEM Datasheet(PDF) 21 Page - Siretta Limited.

Part # ADAPT/FMEM/FMEM
Description  Antennas, RF Cables & Adaptors
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRETTA [Siretta Limited.]
Direct Link  https://www.siretta.com/
Logo SIRETTA - Siretta Limited.

ADAPT/FMEM/FMEM Datasheet(HTML) 21 Page - Siretta Limited.

Back Button ADAPT/FMEM/FMEM Datasheet HTML 17Page - Siretta Limited. ADAPT/FMEM/FMEM Datasheet HTML 18Page - Siretta Limited. ADAPT/FMEM/FMEM Datasheet HTML 19Page - Siretta Limited. ADAPT/FMEM/FMEM Datasheet HTML 20Page - Siretta Limited. ADAPT/FMEM/FMEM Datasheet HTML 21Page - Siretta Limited. ADAPT/FMEM/FMEM Datasheet HTML 22Page - Siretta Limited. ADAPT/FMEM/FMEM Datasheet HTML 23Page - Siretta Limited. ADAPT/FMEM/FMEM Datasheet HTML 24Page - Siretta Limited. ADAPT/FMEM/FMEM Datasheet HTML 25Page - Siretta Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 76 page
background image
21
Frequencies
1700, 1900MHz, 2.1, 2.6GHz
Operating temp
-30 to +60°C
Impedance
50 ohm
Gain
700 - 824MHz @ 0.5dBi / 1710 - 2170MHz @ 1dBi /
2300 - 2700MHz @ 2dBi
VSWR
≤3.0
Polarization
Vertical
Size
155 x 30 x 4.5mm
Connector
PRO100 low loss
Alpha 40 - T-Bar Antenna
Frequencies
900, 1800MHz, 2.1GHz
Operating temp
-40 to +75°C
Impedance
50 ohm
Gain
3dB
VSWR
≤1.5.1
Polarization
Vertical
Size
106 x 14.8 x 5mm
Cable
RG174
Alpha 20 - Flat Blade Antenna
ADHESIVE
Frequencies
850, 900, 1800, 1900MHz, 2.1GHz
Operating temp
-40 to +85°C
Impedance
50 ohm
Gain
3dBi
VSWR
<2.0
Polarization
Linear
Size
96.2 x 21.5 x 9.2mm
Cable
RG174
Alpha 18 - Dipole Antenna
Cable length and connector as required
GSM / UMTS / LTE
ADHESIVE
Cable length and connector as required
ADHESIVE
Cable length and connector as required
A member of the Olancha Group Ltd
Registered in England No. 08405712
VAT Registration No. GB163 04 0349
Siretta Ltd
Basingstoke Road
Spencers Wood
Reading
Berkshire RG7 1PW
sales
fax
email
web
+44(0)118 976 9014
+44(0)118 976 9020
sales@siretta.co.uk
www.siretta.co.uk
Alpha 20
900/1800MHz/2.1GHz Adhesive Mount Narrow Flat Blade Antenna
Rev 1.0
Key Features
• Blade dimensions: 106 x 14.8 x 5mm
• RoHS compliant
• 3dB gain
• Quad band cellular and 2.1GHz
• Mounts on any non metallic surface
• Adhesive
• Narrower blade than most
The Siretta Alpha 20 GSM and 3G
antenna is a small dimension blade
antenna with a width of 14.8mm
- smaller than most popular blade
anntenas.
The Alpha 20 is a competant performer
at 3dBi gain for GSM. It is also a robust
design, waterproof and at home in
most environments. The Alpha 20
will suit the cost conscious volume
applications where a quality product
and good performance are required.
With an endfed cable and measuring
106 x 14.8mm this version comes with
its own adhesive mounting pad and
is available with any length cable and
connectors. See popular types over
page.
General Description
Additional Considerations
• Mounts discretely in installation, good for covert use
• Operates on all cellular networks and 3G
• Meets all EU compliance criteria for electronic goods
• Intended for internal to equipment use
LTE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com