Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAPT/FMEM/FMEF Datasheet(PDF) 54 Page - Siretta Limited.

Part # ADAPT/FMEM/FMEF
Description  Antennas, RF Cables & Adaptors
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRETTA [Siretta Limited.]
Direct Link  https://www.siretta.com/
Logo SIRETTA - Siretta Limited.

ADAPT/FMEM/FMEF Datasheet(HTML) 54 Page - Siretta Limited.

Back Button ADAPT/FMEM/FMEF Datasheet HTML 50Page - Siretta Limited. ADAPT/FMEM/FMEF Datasheet HTML 51Page - Siretta Limited. ADAPT/FMEM/FMEF Datasheet HTML 52Page - Siretta Limited. ADAPT/FMEM/FMEF Datasheet HTML 53Page - Siretta Limited. ADAPT/FMEM/FMEF Datasheet HTML 54Page - Siretta Limited. ADAPT/FMEM/FMEF Datasheet HTML 55Page - Siretta Limited. ADAPT/FMEM/FMEF Datasheet HTML 56Page - Siretta Limited. ADAPT/FMEM/FMEF Datasheet HTML 57Page - Siretta Limited. ADAPT/FMEM/FMEF Datasheet HTML 58Page - Siretta Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 76 page
background image
54
WiFi / Bluetooth
Cable length and connector as required
Frequencies
2.4 - 2.5GHz
Operating temp
-30 to +60°C
Impedance
50 ohm
Gain
3dBi
VSWR
<1.5:1
Polarization
Vertical
Size Ø
40 x 15mm (not including screw thread)
Cable
RG174
Frequencies
2.4 - 2.5GHz
Operating temp
-30 to +60°C
Impedance
50 ohm
Gain
2dBi
VSWR
<2.0:1
Polarization
Vertical
Size Ø
22 x 22mm (not including screw thread)
Cable
RG174
Tango 24 - Puck Antenna (IP67)
Tango 25 - Miniature Antenna (IP65)
Cable length and connector as required
THROUGH HOLE
THROUGH HOLE
Frequencies
2.4 - 2.5GHz, 5.1 - 5.8GHz
Operating temp
-30 to +60°C
Impedance
50 ohm
Gain
2dBi @ 2.4GHz / 5dBi @ 5GHz
VSWR
<2.0:1
Polarization
Vertical
Size Ø
22 x 22mm (not including screw thread)
Cable
RG174
Tango 25A - Miniature Antenna (IP65)
Cable length and connector as required
THROUGH HOLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com