Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAPT/FMEM/FMEF Datasheet(PDF) 66 Page - Siretta Limited.

Part # ADAPT/FMEM/FMEF
Description  Antennas, RF Cables & Adaptors
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRETTA [Siretta Limited.]
Direct Link  https://www.siretta.com/
Logo SIRETTA - Siretta Limited.

ADAPT/FMEM/FMEF Datasheet(HTML) 66 Page - Siretta Limited.

Back Button ADAPT/FMEM/FMEF Datasheet HTML 62Page - Siretta Limited. ADAPT/FMEM/FMEF Datasheet HTML 63Page - Siretta Limited. ADAPT/FMEM/FMEF Datasheet HTML 64Page - Siretta Limited. ADAPT/FMEM/FMEF Datasheet HTML 65Page - Siretta Limited. ADAPT/FMEM/FMEF Datasheet HTML 66Page - Siretta Limited. ADAPT/FMEM/FMEF Datasheet HTML 67Page - Siretta Limited. ADAPT/FMEM/FMEF Datasheet HTML 68Page - Siretta Limited. ADAPT/FMEM/FMEF Datasheet HTML 69Page - Siretta Limited. ADAPT/FMEM/FMEF Datasheet HTML 70Page - Siretta Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 76 page
background image
66
A
B
C
D
Cable Type
Connector types
Min Bend
Radius
Dimensions (mm)
Insulator
Material
Jacket
Material
Loss dB/M @
2GHz
Frequency
Range
Comments
A
Core
B
Insulator
C
Shield
D
Jacket
0.81mm
u.FL, IPEX, MHF2, GSC, HSSC
3.24
0.15
0.4
0.65
0.81
PFA
PFA
4.4
to 6GHz
Internal antenna pigtails
1.13mm
u.FL, GSC, IPEX, SMA, FME, SMB,
TNC, TNX, MMCX
4.5
0.24
0.68
0.9
1.13
FEP
FEP
3.2
to 6GHz
Most popular cable for internal use. Internal antenna pigtals, internal to bulkhead
connector cable.
1.13mm *
u.FL, GSC, IPEX, SMA, FME, SMB,
TNC, TNX, MMCX
4.5
0.22
0.7
1.13
FEP
FEP
2.2
to 6GHz
* Low loss verison of the standard 1.13mm
1.32mm
IPEX, GSC, SMA, FME, SMB, TNC,
MCX, MMCX
0.22
0.7
1.32
FEP
FEP
2.8
to 6GHz
1.37mm
u.FL, IPEX, GSC, SMA, FME, SMB,
TNC, MCX, MMCX
9
0.32
0.92
1.37
FEP
FEP
2.4 @2.5GHz
to 6GHz
Has same size conductor as 1.48mm and RG178 cable, but smaller overall
diameter, similar cable loss but more flexible in limited space.
1.48mm
HFL, IPEX, GSC, SMA, MMCX, MCA,
SMB, FME
9
0.31
0.86
1.48
FEP
FEP
to 6GHz
1.48mm is the most popular thin RF coaxial cable.
RG178
IPEX, MHF, MMCX, MCX, SSMB,
SMA, FME
9
0.31
0.86
1.8
FEP
FEP
2.6 @1.8GHz
to 6GHz
RG316
MMCX, SMA, FME, SMB
0.53
1.53
2.53
FEP
FEP
2.06 @2.4GHz
to 3GHz
Used internally instead of RG174. RG136 can go high temp and is more flexible.
RG174
SMA, SMB, MMCX, MCX, FME,
TNC, BNC
10.5
0.48
1.55
2.7
XLPE
PVC
1.175 @1GHz
to 6GHz
This is the most popular cable for GPS and GSM antennas. Low temp spec.
RG42
SMA
10
0.94
2.95
3.06
Solid PTFE
N/A
0.58
to 6GHz
Outer jacket - tin soaked braid. Semi rigid cable
RG58
SMA, SMB, BNC. TNC, UHF, N
20
19 x 0.18
2.95
4.95
PE
PVC
1.06 @2.4GHz
to 6GHz
Standard RF cable for outside use.
LLC100A
SMA, SMB, MMCX, MCX, FME,
TNC, BNC
6.4
0.46
1.52
2.11
2.79
Solid PE
PVC
1.15
to 6GHz
Low loss version of RG174 and much more flexible
LLC200A
SMA, SMB, BNC. TNC, UHF. N
20
10.2
2.9
3.4
5
Foam PE
PVC
0.15 @200MHz
to 6GHz
*Low loss version of the standard RG58.
RG213
N-type
2.3
7.24
10.3
PE
PVC
0.25 @900MHz
to 6GHz
Low loss cable for the base station industry.
Low Loss Cables
RF Cables
RF Cables Sizes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com