Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAPT/FMEM/FMEF Datasheet(PDF) 10 Page - Siretta Limited.

Part # ADAPT/FMEM/FMEF
Description  Antennas, RF Cables & Adaptors
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRETTA [Siretta Limited.]
Direct Link  https://www.siretta.com/
Logo SIRETTA - Siretta Limited.

ADAPT/FMEM/FMEF Datasheet(HTML) 10 Page - Siretta Limited.

Back Button ADAPT/FMEM/FMEF Datasheet HTML 6Page - Siretta Limited. ADAPT/FMEM/FMEF Datasheet HTML 7Page - Siretta Limited. ADAPT/FMEM/FMEF Datasheet HTML 8Page - Siretta Limited. ADAPT/FMEM/FMEF Datasheet HTML 9Page - Siretta Limited. ADAPT/FMEM/FMEF Datasheet HTML 10Page - Siretta Limited. ADAPT/FMEM/FMEF Datasheet HTML 11Page - Siretta Limited. ADAPT/FMEM/FMEF Datasheet HTML 12Page - Siretta Limited. ADAPT/FMEM/FMEF Datasheet HTML 13Page - Siretta Limited. ADAPT/FMEM/FMEF Datasheet HTML 14Page - Siretta Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 76 page
background image
10
A member of the Olancha Group Ltd
Registered in England No. 08405712
VAT Registration No. GB163 04 0349
Siretta Ltd
Basingstoke Road
Spencers Wood
Reading
Berkshire RG7 1PW
sales
fax
email
web
+44(0)118 976 9014
+44(0)118 976 9020
sales@siretta.co.uk
www.siretta.co.uk
Alpha 20
900/1800MHz/2.1GHz Adhesive Mount Narrow Flat Blade Antenna
Rev 1.0
Key Features
• Blade dimensions: 106 x 14.8 x 5mm
• RoHS compliant
• 3dB gain
• Quad band cellular and 2.1GHz
• Mounts on any non metallic surface
• Adhesive
• Narrower blade than most
The Siretta Alpha 20 GSM and 3G
antenna is a small dimension blade
antenna with a width of 14.8mm
- smaller than most popular blade
anntenas.
The Alpha 20 is a competant performer
at 3dBi gain for GSM. It is also a robust
design, waterproof and at home in
most environments. The Alpha 20
will suit the cost conscious volume
applications where a quality product
and good performance are required.
With an endfed cable and measuring
106 x 14.8mm this version comes with
its own adhesive mounting pad and
is available with any length cable and
connectors. See popular types over
page.
General Description
Additional Considerations
• Mounts discretely in installation, good for covert use
• Operates on all cellular networks and 3G
• Meets all EU compliance criteria for electronic goods
• Intended for internal to equipment use
Antenna
GSM
UMTS
LTE
GPS
ISM
WiFi
Combined
Page/s
Delta 1A
•
•
22
42
Delta 1C
•
22
Delta 2A
•
•
22
42
Delta 2C
•
23
Delta 5
•
42
Antenna
GSM
UMTS
LTE
GPS
ISM
WiFi
Combined
Page/s
Alpha 16
•
48
Alpha 18
•
•
21
Alpha 19
•
33
Alpha 20
•
•
21
Alpha 40
•
•
•
21
Delta Range - Direct Connect
Antenna Finder
1
GPS Active Antenna Specification
(Model NO.:RY-GPS-11)
(
1) Dieletric Antenna
Center Frequency
1575.42MHz±3 MHz
V.S.W.R
1.5:1
Band Width
±
5 MHz
Impendence
50 ohm
Peak Gain
>
1dBic Based on 7×7cm ground plane
Gain Coverage
>
-4dBic at –90°<0<+90°(over 75% Volume)
Polarization
RHCP
(
2) LNA/Filter
LNA Gain (Without cable)
26dB Typical
Noise Figure
1.5dB
Filter Out Band Attenuation (f0=1575.42 MHZ)
7dB Min
f0+/-20MHZ ;
20dB Min
f0+/-50MHZ;
30dB Min
f0+/-100MHZ
V.S.W.R
<
2.0
DC Voltage
3.0V to 5.0V
DC Current
11mA Max
(
3)Mechanical



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com