Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAPT/FMEF/SMAM Datasheet(PDF) 33 Page - Siretta Limited.

Part # ADAPT/FMEF/SMAM
Description  Antennas, RF Cables & Adaptors
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRETTA [Siretta Limited.]
Direct Link  https://www.siretta.com/
Logo SIRETTA - Siretta Limited.

ADAPT/FMEF/SMAM Datasheet(HTML) 33 Page - Siretta Limited.

Back Button ADAPT/FMEF/SMAM Datasheet HTML 29Page - Siretta Limited. ADAPT/FMEF/SMAM Datasheet HTML 30Page - Siretta Limited. ADAPT/FMEF/SMAM Datasheet HTML 31Page - Siretta Limited. ADAPT/FMEF/SMAM Datasheet HTML 32Page - Siretta Limited. ADAPT/FMEF/SMAM Datasheet HTML 33Page - Siretta Limited. ADAPT/FMEF/SMAM Datasheet HTML 34Page - Siretta Limited. ADAPT/FMEF/SMAM Datasheet HTML 35Page - Siretta Limited. ADAPT/FMEF/SMAM Datasheet HTML 36Page - Siretta Limited. ADAPT/FMEF/SMAM Datasheet HTML 37Page - Siretta Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 76 page
background image
33
Frequency
1575.42MHz
Operating temp
-40 to +85°C
Impedance
50 ohm
Gain (LNA)
26dB
VSWR
1.5:1
Polarization
RHCP
Size
26 x 23 x 12mm
Cable
RG174
Frequency
1575.42MHz
Operating temp
-20 to +65°C
Impedance
50 ohm
Gain (LNA)
18dB
VSWR
1.5:1
Polarization
RHCP
Size
13.4 x 13.4 x 8mm
Cable
1.13mm Coax
Frequencies
1575.42MHz
Operating temp
-40 to +85°C
Impedance
50 ohm
Gain (LNA)
26±2dB
VSWR
<1.5:1
Polarization
RHCP
Size
37.6 x 33.8 x 13mm
Cable
RG174
Alpha 4A - Active GPS Antenna (IP67)
Alpha 19 - Very Small GPS Antenna
Echo 5 - 13x13mm Active GPS Patch
Cable length and connector as required
Cable length and connector as required
Cable length and connector as required
ADHESIVE
EMBEDDED
GPS / GLONASS
ADHESIVE
1
GPS Active Antenna Specification
(Model NO.:RY-GPS-11)
(
1) Dieletric Antenna
Center Frequency
1575.42MHz±3 MHz
V.S.W.R
1.5:1
Band Width
±
5 MHz
Impendence
50 ohm
Peak Gain
>
1dBic Based on 7×7cm ground plane
Gain Coverage
>
-4dBic at –90°<0<+90°(over 75% Volume)
Polarization
RHCP
(
2) LNA/Filter
LNA Gain (Without cable)
26dB Typical
Noise Figure
1.5dB
Filter Out Band Attenuation (f0=1575.42 MHZ)
7dB Min
f0+/-20MHZ ;
20dB Min
f0+/-50MHZ;
30dB Min
f0+/-100MHZ
V.S.W.R
<
2.0
DC Voltage
3.0V to 5.0V
DC Current
11mA Max
(
3)Mechanical



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com