Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAPT/FMEF/SMAM Datasheet(PDF) 24 Page - Siretta Limited.

Part # ADAPT/FMEF/SMAM
Description  Antennas, RF Cables & Adaptors
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRETTA [Siretta Limited.]
Direct Link  https://www.siretta.com/
Logo SIRETTA - Siretta Limited.

ADAPT/FMEF/SMAM Datasheet(HTML) 24 Page - Siretta Limited.

Back Button ADAPT/FMEF/SMAM Datasheet HTML 20Page - Siretta Limited. ADAPT/FMEF/SMAM Datasheet HTML 21Page - Siretta Limited. ADAPT/FMEF/SMAM Datasheet HTML 22Page - Siretta Limited. ADAPT/FMEF/SMAM Datasheet HTML 23Page - Siretta Limited. ADAPT/FMEF/SMAM Datasheet HTML 24Page - Siretta Limited. ADAPT/FMEF/SMAM Datasheet HTML 25Page - Siretta Limited. ADAPT/FMEF/SMAM Datasheet HTML 26Page - Siretta Limited. ADAPT/FMEF/SMAM Datasheet HTML 27Page - Siretta Limited. ADAPT/FMEF/SMAM Datasheet HTML 28Page - Siretta Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 76 page
background image
24
Frequencies
850, 900, 1800, 1900MHz, 2.1GHz
Operating temp
-40 to 85°C
Impedance
50 ohm
Gain
3.66dB @ 2.1GHz
VSWR
<2.0:1
Polarization
Vertical
Size
36 x 6 x 0.6mm
Cable
1.13mm Coax
Echo 1A - PCB Antenna
Delta 41 - Swivel Antenna
Frequencies
850, 900, 1800, 1900MHz, 2.1, 2.6GHz
Operating temp
-20 to +65°C
Impedance
50 ohm
Gain
689 - 960MHz @ 1dBi / 1710 - 2170 @ 2dBi /
2500 - 2700MHz @ 3dBi
VSWR
≤3.0
Polarization
Vertical
Size
237 x 40mm
Connector
SMA male
EMBEDDED
Frequencies
850, 900, 1800, 1900MHz, 2.1, 2.6GHz
Operating temp
-20 to 65°C
Impedance
50 ohm
Gain
790 - 960MHz @ 0dBi / 1710 - 2170MHz @ 1dBi /
2500 - 2700MHz @ 3dBi
VSWR
≤3.0
Polarization
Vertical
Size
161 x 22mm
Connector
SMA male
Delta 41 - Swivel Antenna
Cable length and connector as required
GSM / UMTS / LTE
DIRECT CONNECT
DIRECT CONNECT
LTE
LTE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com