Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAPT/FMEF/SMAM Datasheet(PDF) 55 Page - Siretta Limited.

Part # ADAPT/FMEF/SMAM
Description  Antennas, RF Cables & Adaptors
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRETTA [Siretta Limited.]
Direct Link  https://www.siretta.com/
Logo SIRETTA - Siretta Limited.

ADAPT/FMEF/SMAM Datasheet(HTML) 55 Page - Siretta Limited.

Back Button ADAPT/FMEF/SMAM Datasheet HTML 51Page - Siretta Limited. ADAPT/FMEF/SMAM Datasheet HTML 52Page - Siretta Limited. ADAPT/FMEF/SMAM Datasheet HTML 53Page - Siretta Limited. ADAPT/FMEF/SMAM Datasheet HTML 54Page - Siretta Limited. ADAPT/FMEF/SMAM Datasheet HTML 55Page - Siretta Limited. ADAPT/FMEF/SMAM Datasheet HTML 56Page - Siretta Limited. ADAPT/FMEF/SMAM Datasheet HTML 57Page - Siretta Limited. ADAPT/FMEF/SMAM Datasheet HTML 58Page - Siretta Limited. ADAPT/FMEF/SMAM Datasheet HTML 59Page - Siretta Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 76 page
background image
55
WiFi / Bluetooth
THROUGH HOLE
Cable length and connector as required
THROUGH HOLE
Cable length and connector as required
A member of the Olancha Group Ltd
Registered in England No. 08405712
VAT Registration No. GB163 04 0349
Siretta Ltd
Basingstoke Road
Spencers Wood
Reading
Berkshire RG7 1PW
sales
fax
email
web
+44(0)118 976 9014
+44(0)118 976 9020
sales@siretta.co.uk
www.siretta.co.uk
Tango 35
2.4 - 2.4835GHz Through Hole Mount Antenna
Rev 1.0
Key Specifications - Electrical
Key Specifications - Mechanical
Dimensions:
ø95 x 55mm
Weight:
110g ± 15
Cable:
1m PRO-100
Connector:
SMA Male RS
Material:
Radome: ABS
Color:
White
Mounting:
Screw (Hole / Roof)
Operating temperature:
-30 to +60°C
Impedance:
50ohm ± 5
VSWR:
≤2.0
Gain:
5dBi
Frequency range:
2.4 - 2.4835GHz
Beam width:
H: 79.6° / E: 61.6°
Power handling:
10W
Polarization:
Vertical / Circular
PRO-CELL CO., LTD.
PRO-CELL CO., LTD.
No.6, Lane 133, Sec.1, Guo-Ji Road, Ta-yuan Hsiang, Taoyuan, Taiwan. R.O.C.
Tel: +886-3-3858288
Fax: +886-3-3858289
E-mail: sales@antenna.com.tw
http://www.antenna.com.tw
3/7
3D Illustration
PRO-CELL CO., LTD.
PRO-CELL CO., LTD.
No.6, Lane 133, Sec.1, Guo-Ji Road, Ta-yuan Hsiang, Taoyuan, Taiwan. R.O.C.
Tel: +886-3-3858288
Fax: +886-3-3858289
E-mail: sales@antenna.com.tw
http://www.antenna.com.tw
2/7
Electrical Specifications:
Frequency Range :
2.4~2.4835GHz
VSWR :
≤ 2.0
Impedance :
50Ω ± 5Ω
Forward Gain :
5dBi
Polarization :
Vertical/Circular
Power Handling :
10 Watt
BEAM WIDTH :
H: 79.6° / E: 61.6°
Mechanical Specifications:
Connector :
SMA MALE RS
Operation Temp :
-30 ~+60
℃℃
Cable & Length :
PRO-100 1M
Material :
Radome:ABS
Dimension (L*W*H) :
Ø95*55 mm
Weight :
110g ± 15g
Color :
WHITE
Ø95
Frequencies
2.4 - 2.5GHz
Operating temp
-30 to +60°C
Impedance
50 ohm
Gain
0.5dBi @ 2.4GHz
VSWR
<2.0:1
Polarization
Vertical
Size Ø
22.3 x 14.75mm (not including screw thread)
Cable
RG174
Tango 26 - Miniature Antenna (IP65)
Frequencies
2.4 - 2.4835GHz
Operating temp
-30 to +60°C
Impedance
50 ohm
Gain
5dBi
VSWR
≤2.0
Polarization
Vertical / Circular
Size Ø
95 x 55mm
Cable
PRO100
Tango 35 - Bolt Antenna



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com