Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEVKIT-MPC5744P Datasheet(PDF) 5 Page - NXP Semiconductors

Part # DEVKIT-MPC5744P
Description  Ultra-Reliable MCUs for Industrial and Automotive Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DEVKIT-MPC5744P Datasheet(HTML) 5 Page - NXP Semiconductors

  DEVKIT-MPC5744P Datasheet HTML 1Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 2Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 3Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 4Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 5Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 6Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 7Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 8Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
EXTERNAL USE
4
DEVKIT-MPC5744P Board : Features
• MPC5744P has 2 x 200 MHz Power Architecture® e200Z4 Dual issue
cores operating in delayed lockstep
• MPC5744P qualified to AEC-Q100 Grade 1 and ambient temperature of -40
to +125 °C
•
Arduino™ UNO R3 footprint-compatible with expansion “shield” support
− Supports DEVKIT-MOTORGD motor control shield
• Integrated Open-standard Serial and Debug Adapter (OpenSDA) with
support for several industry-standard debug interfaces as well as JTAG
connector
• Easy access to the MCU I/O header pins for prototyping
• On-chip connectivity for FlexRay, CAN, LIN, UART/SCI and SPI
• Potentiometer for precise voltage and analog measurement
• One user RGB LED (1 red, 1 green, 1 blue in single package)
• 2 user push-button switches
• Flexible power supply options
• micro-B USB
• 12V External power supply
• Similar hardware across ARM®, S12 and Power Architecture® architecture
based MCUs
•
Box includes:
− DEVKIT-MPC5744P Board
•
Downloads includes:
− Quick Start Package
− S32 Design Studio IDE
− Application notes
•
NOTE: DEVKIT-MPC5744P RevB does not support shield reset. Any
Arduino™ shield that relies on reset signal from DEVKIT-MPC5744P
RevB will not work. Shield reset is supported starting with RevC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com