Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEVKIT-MPC5744P Datasheet(PDF) 8 Page - NXP Semiconductors

Part # DEVKIT-MPC5744P
Description  Ultra-Reliable MCUs for Industrial and Automotive Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DEVKIT-MPC5744P Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button DEVKIT-MPC5744P Datasheet HTML 4Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 5Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 6Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 7Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 8Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 9Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 10Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 11Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
EXTERNAL USE
7
DEVKIT-MPC5744P Board : Pinout
2 of 3
Arduino Compatibility
The internal rows of the I/O headers on
the DEVKIT-MPC5744P are arranged to
fulfill Arduino™ shields compatibility .
J3
J4
FUNCTION
PORT
PIN
PIN
PORT
FUNCTION
PD12
J3-02
J3-01
EXT_HV_PWR 12V_IN
PD9
J3-04
J3-03
EXT_LV_PWR 3.3V or 5V Selectable
PJ8
J3-06
J3-05
RESET
MPC5744P Reset
PE13
J3-08
J3-07
3V3_SR
3.3V
PE14
J3-10
J3-09
5V0_SR
5V
PE15
J3-12
J3-11
GND
PF14
J3-14
J3-13
GND
PF15
J3-16
J3-15
EXT_HV_PWR 12V_IN
FUNCTION
PORT
PIN
PIN
PORT
FUNCTION
PE0
J4-02
J4-01
PB8
ADC0_AN1
PE6
J4-04
J4-03
PB12
ADC0_ADC1_AN14
PG2
J4-06
J4-05
PB9
ADC0_ADC1_AN11
PG3
J4-08
J4-07
PB10
ADC0_ADC1_AN12
PG4
J4-10
J4-09
PB11
ADC0_ADC1_AN13
PG5
J4-12
J4-11
PB7
ADC0_AN0
PG6
J4-14
J4-13
PB13
ADC1_AN0
PD11
J4-16
J4-15
PJ9
ETIMER_2_ETC5
J3
J4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com