Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEVKIT-MPC5744P Datasheet(PDF) 10 Page - NXP Semiconductors

Part # DEVKIT-MPC5744P
Description  Ultra-Reliable MCUs for Industrial and Automotive Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DEVKIT-MPC5744P Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button DEVKIT-MPC5744P Datasheet HTML 6Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 7Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 8Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 9Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 10Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 11Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 12Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 13Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
EXTERNAL USE
9
DEVKIT-MPC5744P Board : Jumper Settings
J13
There is only one jumper: J13
It is to select Power source:
1-2: External 12 V Supply
2-3: Default USB powered 5V
Supply, through OpenSDA interface
3
1
Note: For high power/current consuming applications (like
using external shield boards) use “External 12 V Supply” only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com