Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

36294 Datasheet(PDF) 30 Page - Wiha Tools

Part # 36294
Description  PROFESSIONAL TOOLS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

36294 Datasheet(HTML) 30 Page - Wiha Tools

Back Button 36294 Datasheet HTML 26Page - Wiha Tools 36294 Datasheet HTML 27Page - Wiha Tools 36294 Datasheet HTML 28Page - Wiha Tools 36294 Datasheet HTML 29Page - Wiha Tools 36294 Datasheet HTML 30Page - Wiha Tools 36294 Datasheet HTML 31Page - Wiha Tools 36294 Datasheet HTML 32Page - Wiha Tools 36294 Datasheet HTML 33Page - Wiha Tools 36294 Datasheet HTML 34Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
30
Bits, 1/4”. In Clamshell
Item
No.
Size
mm
pkg. lbs.
T3
25
10
.12
T4
25
10
.12
T5
25
10
.12
T6
25
10
.12
T7
25
10
.12
T8
25
10
.12
T9
25
10
.12
T10
25
10
.12
T15
25
10
.12
T20
25
10
.12
T25
25
10
.12
T27
25
10
.13
T30
25
10
.14
T40
25
10
.15
Bits
The ideal multi-purpose bits for
all around quality & performance
Made in Germany -
Production Quality
Highly resistant
to wear & tear
for a long
tool
life
Suitable for all applications for both
manual & machine Hardness HRC 59-61
Impact resistant
modified CVM, tool
steel, hardened
Wiha
Bit Packs
Insert Bit Packs, 1”
CVM S2 modified tool steel.
Item
No.
Size
mm
lbs.
pkg.
T3
25
.03
2
T4
25
.03
2
T5
25
.03
2
T6
25
.03
2
T7
25
.03
2
T8
25
.03
2
T9
25
.03
2
T10
25
.03
2
T15
25
.03
2
T20
25
.03
2
T25
25
.03
2
T27
25
.04
2
T30
25
.04
2
T40
25
.04
2
2 bit
pack
Bits, 1/4” Bit Box Packs
Item
No.
Size mm
pkg. lbs.
T7
25
30
.36
T8
25
30
.36
T9
25
30
.36
T10
25
30
.36
T15
25
30
.36
T20
25
30
.36
T25
25
30
.36
T27
25
30
.36
T30
25
30
.36
T40
25
30
.36
1/4” Insert Bits
Security
Torx®
TorxPlus®
Torx®
Ball End
Torx® Profiles
Insert Bit Packs, 1
” CVM
S2 modified tool steel. Extra hard with natural
finish. Exact fit machined tips. 6 pc bit pack.
Set includes the following bits:
Sizes:
T5, T6, T7, T8, T9,
wt. .07
T10 x 1” (25mm)
Insert Bit Packs, 1
” CVM
S2 modified tool steel. Extra hard with natural
finish. Exact fit machined tips. 6 pc. bit pack.
Set includes the following bits:
Sizes:
T15, T20, T25, T27,
wt. .08
T30, T40 x 1” (25mm)
Security
TorxPlus®
Double End 1/4” Insert Bit
Packs CVM S2 modified tool steel. 2 bit pack
Item
No.
Size
mm
pkg.
T6+T7
30
2
T8+T9
30
2
T10+T15
30
2
T20+T25
30
2
T27+T30
30
2
10 Piece Contractor Grade Bits
Bits, 1/4” Bulk Packs
Item
No.
Size mm
pkg. lbs.
T15
25
100 1.5
T20
25
100 1.5
T25
25
100 1.5
T27
25
100 1.5
T30
25
100 1.5
100 Piece Contractor Grade Bits
722
72238
72239
72240
72241
72142
Bits, 1/4” Bulk Packs
Item
No.
Size mm
pkg. lbs.
T15
25
250 7.5
T20
25
250 7.5
T25
25
250 7.5
T27
25
250 7.5
T30
25
250 7.5
250 Piece Contractor Grade Bits
723
72338
72339
72340
72341
72342
30 Piece Contractor Grade Bit Boxes
2 bit
pack
With a
purchase
of 10 bit
boxes
Toll Free: (800) 494-6104
715
725
715
71523
71524
71505
71506
71507
71508
71509
71510
71515
71520
71525
71527
71530
71540
72572
72573
72574
72575
72576
72577
72578
72579
72580
72581
71548
71549
71550
71551
71552
71553
71554
71555
71556
71557
71558
71559
71560
71561
71571
71570
71571
71570
777
77701
77702
77703
77704
77705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com