Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

36294 Datasheet(PDF) 34 Page - Wiha Tools

Part # 36294
Description  PROFESSIONAL TOOLS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

36294 Datasheet(HTML) 34 Page - Wiha Tools

Back Button 36294 Datasheet HTML 30Page - Wiha Tools 36294 Datasheet HTML 31Page - Wiha Tools 36294 Datasheet HTML 32Page - Wiha Tools 36294 Datasheet HTML 33Page - Wiha Tools 36294 Datasheet HTML 34Page - Wiha Tools 36294 Datasheet HTML 35Page - Wiha Tools 36294 Datasheet HTML 36Page - Wiha Tools 36294 Datasheet HTML 37Page - Wiha Tools 36294 Datasheet HTML 38Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
34
Insert Bit Packs, 1”
CVM S2 modified tool steel
Item
No.
Size
mm
lbs.
IP3
25
.03
IP4
25
.03
IP5
25
.03
IP6
25
.03
IP7
25
.03
IP8
25
.03
IP9
25
.03
IP10
25
.03
IP15
25
.03
IP20
25
.03
IP25
25
.03
IP27
25
.03
IP30
25
.03
IP40
25
.04
Wiha
Insert Bits and Power Bits
Wiha Ball End
Bits
Insert Bits, 1/4” Hex, 1”
Item
No.
Size
mm pkg. lbs.
IP3
25
10
.12
IP4
25
10
.12
IP5
25
10
.12
IP6
25
10
.12
IP7
25
10
.12
IP8
25
10
.12
IP9
25
10
.12
IP10
25
10
.12
IP15
25
10
.12
IP20
25
10
.12
IP25
25
10
.12
IP27
25
10
.13
IP30
25
10
.13
IP40
25
10
.15
Highly resistant
to wear and
tear for a
long tool
life
Suitable for all applications for both
manual & machine Hardness HRC 59-61
See additional Ball End TORX
Tools on Page 15
Impact resistant modified
CVM, tool steel, hardened
Made in Germany -
Production Quality
2 bit
pack
Power Bit Packs, 2”
Item
No.
Size
mm
lbs.
IP1
50
.05
IP2
50
.05
IP3
50
.05
IP4
50
.05
IP5
50
.05
IP6
50
.05
IP7
50
.05
IP8
50
.05
IP9
50
.05
IP10
50
.05
IP15
50
.05
IP20
50
.05
IP25
50
.05
IP27
50
.05
IP30
50
.05
IP40
50
.05
Power Bits, 1/4” Hex, 2”
Item
No.
Size
mm
pkg. lbs.
IP5
50
10
.18
IP6
50
10
.18
IP7
50
10
.18
IP8
50
10
.18
IP9
50
10
.18
IP10
50
10
.20
IP15
50
10
.20
IP20
50
10
.20
IP25
50
10
.20
IP27
50
10
.25
IP30
50
10
.25
IP40
50
10
.25
2 bit
pack
Wiha
MagicSpring
Screw Holding Power Bits
Screw Holding
TORX Bits
Stainless
rotary spring
MagicSpring Screw Holding
Power Bits, 1/4” Hex Drive, 2.0”/50mm OAL
Item
No.
Size mm pkg. lbs.
T10
50
2
.05
T15
50
2
.05
T20
50
2
.05
T25
50
2
.05
T30
50
2
.05
T40
50
2
.05
2 bit pack
Security Pentalobe 5 Point Insert
Bits, 1/4” Hex, 1” OAL
Item
No.
Size
mm pkg. lbs.
PLS8
25
1
.11
PLS10 25
1
.11
PLS15 25
1
.11
PLS20 25
1
.12
PLS25 25
1
.13
PLS27 25
1
.13
PLS30 25
1
.14
PLS40 35
1
.14
Wiha Security Pentalobe
5 Point Insert Bit
XSelector Bit Set With Security
Pentalobe 5 Point Bits
Set Includes Quick Release Holder
lbs.
and the following 7 bits:
.18
Security Pentalobe 5 Point Sizes:
PLS8, PLS10, PLS15, PLS20,
PLS25, PLS27, PLS30
XSelector
Pocket Sized
3 1/8” x 2 1/8” x 1/2”
Toll Free: (800) 494-6104
716
716
746
746
745
71603
71604
71605
71606
71607
71608
71609
71610
71615
71620
71625
71627
71630
71640
74601
74602
74603
74604
74608
74612
74616
74620
74624
74628
74632
74636
74611
74613
74614
74617
74659
74660
74661
74662
74663
74664
74665
74666
74667
74668
74669
74670
71631
71632
71633
71634
71635
71636
71637
71638
71639
71641
71642
71643
71644
71645
74552
74554
74555
74557
74562
74564
716
71648
71650
71652
71654
71656
71657
71658
71660
79450



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com