Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

36294 Datasheet(PDF) 35 Page - Wiha Tools

Part # 36294
Description  PROFESSIONAL TOOLS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

36294 Datasheet(HTML) 35 Page - Wiha Tools

Back Button 36294 Datasheet HTML 31Page - Wiha Tools 36294 Datasheet HTML 32Page - Wiha Tools 36294 Datasheet HTML 33Page - Wiha Tools 36294 Datasheet HTML 34Page - Wiha Tools 36294 Datasheet HTML 35Page - Wiha Tools 36294 Datasheet HTML 36Page - Wiha Tools 36294 Datasheet HTML 37Page - Wiha Tools 36294 Datasheet HTML 38Page - Wiha Tools 36294 Datasheet HTML 39Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
35
Sockets 1/4
” Square Drive
Item
No.
Size
mm lbs.
T6
38
.04
T7
38
.04
T8
38
.04
T9
38
.04
T10
38
.04
T15
38
.04
T20
38
.04
T25
38
.04
T27
38
.04
T30
38
.05
T40
38
.05
Sockets 3/8
” Square Drive,
Set Screw Replaceable Bit. 1/4” bits
Item
No.
Size
mm lbs.
T9
42
.09
T10
42
.09
T15
42
.09
T20
42
.09
T25
42
.09
T27
42
.09
T30
42
.09
T40
42
.09
Sockets 1/4
” Square
Drive, Set Screw Replaceable Bit. 1/4” bits
Item
No.
Size
mm
lbs.
IP6
38
.04
IP7
38
.04
IP8
38
.04
IP9
38
.04
IP10
38
.04
IP15
38
.04
IP20
38
.04
IP25
38
.04
IP27
38
.04
IP30
38
.04
IP40
38
.04
Sockets 3/8
” Square Drive,
Set Screw Replaceable Bit. 5/16” Bit. 2” OAL
Item
No.
Size mm
lbs.
T40
51
.11
T45
51
.11
T50
51
.11
T55
51
.13
Security
Sockets
3/8
” Square drive, 1/4” bits. 2” OAL
Item
No.
Size
mm
lbs.
T7s
42
.09
T8s
42
.09
T9s
42
.09
T10s 42
.09
T15s 42
.09
T20s 42
.09
T25s 42
.09
T27s 42
.09
T30s 42
.09
T40s 42
.09
Wiha Sockets
1/2” Square Drive Sockets
Set Screw
Replaceable
Bit
Set Screw
Replaceable
Bit
Security
Sockets
3/8
” Square drive, 5/16” bits
Item
No.
Size
mm
T40s
51
T45s
51
T50s
51
T55s
51
Set Screw
Replaceable
Bit
Security
Sockets
1/4
” Square drive, 1/4” bits
Item
No.
Size
mm
T7s
38
T8s
38
T9s
38
T10s
38
T15s
38
T20s
38
T25s
38
T27s
38
T30s
38
T40s
38
Set Screw
Replaceable
Bit
Sockets 3/8
” Square
Drive, Set Screw Replaceable Bit. 1/4” bits
Item
No.
Size
mm
lbs.
IP9
42
.09
IP10
42
.09
IP15
42
.09
IP20
42
.09
IP25
42
.09
IP27
42
.09
IP30
42
.09
IP40
42
.09
Sockets 1/2
” Square Drive
Item
No.
Size
mm
lbs. pkg.
T30
59
.10 1
T40
59
.10 1
T45
59
.10 1
T50
59
.10 1
T55
59
.11 1
T60
59
.18 1
Set Screw
Replaceable
Bit
Security
Sockets
1/2
” Square Drive
Item
No.
Size
mm lbs. pkg.
T40s 59
.11 1
T45s 59
.11 1
T50s 59
.11 1
T55s 59
.12 1
Set Screw
Replaceable
Bit
www.wihatools.com
761
716
763
701
716
763
764
764
763
763
76106
76107
76109
76111
76113
76117
76119
76121
76123
76129
76131
71661
71662
71663
71664
71665
71666
71667
71668
71669
71670
71671
70107
70108
70109
70110
70113
70115
70117
70119
70121
70123
76312
76314
76316
76318
76322
76324
76326
76328
71673
71674
71675
71676
71677
71678
71680
71681
76339
76340
76341
76342
76403
76404
76405
76406
76407
76408
76346
76348
76352
76354
76329
76330
76331
76332
76333
76334
76335
76335
76337
76338
76411
76412
76413
76414



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com