Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3336ACBZ-1-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC3336ACBZ-1-R7
Description  15V/250mA Nanopower Buck DC/DC with Programmable Peak Input Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3336ACBZ-1-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC3336ACBZ-1-R7 Datasheet HTML 7Page - Analog Devices LTC3336ACBZ-1-R7 Datasheet HTML 8Page - Analog Devices LTC3336ACBZ-1-R7 Datasheet HTML 9Page - Analog Devices LTC3336ACBZ-1-R7 Datasheet HTML 10Page - Analog Devices LTC3336ACBZ-1-R7 Datasheet HTML 11Page - Analog Devices LTC3336ACBZ-1-R7 Datasheet HTML 12Page - Analog Devices LTC3336ACBZ-1-R7 Datasheet HTML 13Page - Analog Devices LTC3336ACBZ-1-R7 Datasheet HTML 14Page - Analog Devices LTC3336ACBZ-1-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LTC3336
11
Rev. A
For more information www.analog.com
PIN FUNCTIONS
VIN (Pin 1/Pin B3): Input Voltage. Connect the battery
input as close as possible to this pin along with an appro-
priately-sized bypass capacitor (see the Applications
Information section).
EN (Pin 2/Pin A1): Buck Enable Input. Logic level input
referenced to INTVCC. A logic high on EN enables the buck
converter. A logic low prevents the regulator from switch-
ing and discharges VOUT with a 10k resistor to ground.
IPK1 (Pin 3, LQFN Only): Inductor Peak Current Select
Bit (with IPK0). See IPK0. IPK1 is internally tied to GND in
the WLCSP of LTC3336-1 and is internally tied to INTVCC
in the WLCSP of LTC3336-2.
IPK0 (Pin 4/Pin B2): Inductor Peak Current Select Bit
(with IPK1). IPK0 should be tied to INTVCC to select 1
or to GND to select 0 to program the desired IPEAK (see
Table 1 in the Operation section).
INTVCC (Pin 5/Pin B1): VCC Supply for Internal Circuits.
Voltage output used as the logic high reference for input
pins EN and IPK[1:0]. The allowed DC load current at
INTVCC is limited to 10µA. The LQFN package has a
bypass capacitor integrated inside. For the WLCSP an
external bypass capacitor of at least 100nF must be con-
nected between INTVCC and GND.
PGOOD (Pin 6/Pin C1): Buck Power Good Output. The
PGOOD pin is high (referenced to VOUT) when the buck
regulator output VOUT is in regulation. PGOOD is low
when EN is low.
OUT3 (Pin 7/Pin D1): Output Voltage Select Bit (with
OUT2, OUT1 and OUT0). Tie this pin to INTVCC or VOUT
(for logic 1) or to GND (for logic 0) to statically pro-
gram VOUT (see Table 2 in the Operation section). For
dynamically changing VOUT, refer to the the Applications
Information section for alternate hookups.
OUT2 (Pin 8/Pin D2): Output Voltage Select Bit (with
OUT3, OUT1 and OUT0). See OUT3.
OUT1 (Pin 9/Pin D3): Output Voltage Select Bit (with
OUT3, OUT2 and OUT0). See OUT3.
OUT0 (Pin 10/Pin C2): Output Voltage Select Bit (with
OUT3, OUT2 and OUT1). See OUT3.
VOUT (Pin 11/Pin C3): Output Voltage Sense Input. The
voltage level VOUT is also used as the logic high reference
for input pins OUT[3:0] and output pin PGOOD.
SW (Pin 12/Pin A3): Switch Pin of the Buck Regulator.
An inductor should be connected from SW to VOUT. The
inductor value is dependent on the actual IPEAK setting.
See Table 4 in the Applications Information section.
GND (Exposed Pad Pin 13/Pin A2): Ground. This pin must
be soldered to the PCB. This pin provides both electrical
and with the LQFN also thermal-connection to the printed
circuit board.
(LQFN/WLCSP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com