Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3336ACBZ-1-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # LTC3336ACBZ-1-R7
Description  15V/250mA Nanopower Buck DC/DC with Programmable Peak Input Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3336ACBZ-1-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTC3336ACBZ-1-R7 Datasheet HTML 16Page - Analog Devices LTC3336ACBZ-1-R7 Datasheet HTML 17Page - Analog Devices LTC3336ACBZ-1-R7 Datasheet HTML 18Page - Analog Devices LTC3336ACBZ-1-R7 Datasheet HTML 19Page - Analog Devices LTC3336ACBZ-1-R7 Datasheet HTML 20Page - Analog Devices LTC3336ACBZ-1-R7 Datasheet HTML 21Page - Analog Devices LTC3336ACBZ-1-R7 Datasheet HTML 22Page - Analog Devices LTC3336ACBZ-1-R7 Datasheet HTML 23Page - Analog Devices LTC3336ACBZ-1-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
LTC3336
22
Rev. A
For more information www.analog.com
PACKAGE DESCRIPTION
12-Ball Wafer Level Chip Scale Package (WLCSP)
(CB-12-15)
Dimensions Shown in Millimeters
1.660
1.620
1.580
1.220
1.180
1.140
BOTTOM VIEW
(BALL SIDE UP)
TOP VIEW
(BALL SIDE DOWN)
END VIEW
0.560
0.500
0.440
SEATING
PLANE
0.230
0.200
0.170
0.300
0.260
0.220
0.330
0.300
0.270
COPLANARITY
0.04
0.40
BSC
1.20
REF
0.80
REF
A
B
C
D
1
2
3
BALL A1
IDENTIFIER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com