Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3336ACBZ-1-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # LTC3336ACBZ-1-R7
Description  15V/250mA Nanopower Buck DC/DC with Programmable Peak Input Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3336ACBZ-1-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button LTC3336ACBZ-1-R7 Datasheet HTML 15Page - Analog Devices LTC3336ACBZ-1-R7 Datasheet HTML 16Page - Analog Devices LTC3336ACBZ-1-R7 Datasheet HTML 17Page - Analog Devices LTC3336ACBZ-1-R7 Datasheet HTML 18Page - Analog Devices LTC3336ACBZ-1-R7 Datasheet HTML 19Page - Analog Devices LTC3336ACBZ-1-R7 Datasheet HTML 20Page - Analog Devices LTC3336ACBZ-1-R7 Datasheet HTML 21Page - Analog Devices LTC3336ACBZ-1-R7 Datasheet HTML 22Page - Analog Devices LTC3336ACBZ-1-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
LTC3336
19
Rev. A
For more information www.analog.com
100mA Wide VIN Range Super High Efficiency Current Source White LED Driver*
3336 TA10
LTC3336
VIN
EN
SW
INTVCC GND
L
100 H
COUT
1 F
6.3V
CIN
10 F
25V
IPEAK = 100mA
5V TO 15V
OFF ON
IPK1
IPK0
OUT3
OUT1
OUT0
OUT2
ILED = 100mA
VOUT
Sequenced Dual Supply 5V/230mA and 1.8V/25mA from 2× Lithium Thionyl Chloride Batteries*
U2
LTC3336
VIN
SW
VOUT
PGOOD
INTVCC
GND
L2
330 H 1.8V/25mA
COUT2
10 F
6.3V
3336 TA09
+
U1
LTC3336
VIN
SW
VOUT
PGOOD
INTVCC
GND
L1
22 H
5V/230mA
COUT1
47 F
6.3V
2×
LiSOCl2
CIN
0.1 F
10V
7.2V
IPEAK = 300mA
IPEAK = 30mA
IPK0
OUT0
IPK1
OUT3
OUT2
OUT1
EN
EN
OUT1
IPK0
IPK1
OUT3
OUT0
OUT2
TYPICAL APPLICATIONS
*Applications shown are for LQFN. For WLCSP, the IPK1 connection is bumpless as it is
connected internal to the part. In WLCSP applications, a 0.1µF, 6V capacitor must be added
from INTVCC to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com