Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3621 Datasheet(PDF) 2 Page - Analog Devices

Part # LTC3621
Description  17V, 1A Synchronous Step-Down Regulator with 3.5μA Quiescent Current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3621 Datasheet(HTML) 2 Page - Analog Devices

  LTC3621 Datasheet HTML 1Page - Analog Devices LTC3621 Datasheet HTML 2Page - Analog Devices LTC3621 Datasheet HTML 3Page - Analog Devices LTC3621 Datasheet HTML 4Page - Analog Devices LTC3621 Datasheet HTML 5Page - Analog Devices LTC3621 Datasheet HTML 6Page - Analog Devices LTC3621 Datasheet HTML 7Page - Analog Devices LTC3621 Datasheet HTML 8Page - Analog Devices LTC3621 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC3621/LTC3621-2
2
Rev. D
For more information www.analog.com
ABSOLUTE MAXIMUM RATINGS
VIN Voltage................................................. 17V to –0.3V
RUN Voltage................................................ VIN to –0.3V
MODE/SYNC, FB Voltages............................ 6V to –0.3V
PGOOD Voltages.......................................... 6V to –0.3V
(Note 1)
TOP VIEW
MODE/SYNC
INTVCC
FB
SW
VIN
RUN
DCB PACKAGE
6-LEAD (2mm × 3mm) PLASTIC DFN
TJMAX = 125°C, θJA = 64°C/W, θJC = 9.6°C/W
EXPOSED PAD (PIN 7) IS GND, MUST BE SOLDERED TO PCB
4
5
7
GND
6
3
2
1
1
2
3
4
SW
VIN
RUN
PGOOD
8
7
6
5
SGND
MODE/SYNC
INTVCC
FB
TOP VIEW
9
GND
MS8E PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 40°C/W, θJC = 10°C/W
EXPOSED PAD (PIN 9) IS GND, MUST BE SOLDERED TO PCB
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3621EDCB#PBF
LTC3621EDCB#TRPBF
LGDG
6-Lead (2mm × 3mm) Plastic DFN
–40°C to 125°C
LTC3621IDCB#PBF
LTC3621IDCB#TRPBF
LGDG
6-Lead (2mm × 3mm) Plastic DFN
–40°C to 125°C
LTC3621EDCB-3.3#PBF
LTC3621EDCB-3.3#TRPBF
LGQF
6-Lead (2mm × 3mm) Plastic DFN
–40°C to 125°C
LTC3621IDCB-3.3#PBF
LTC3621IDCB-3.3#TRPBF
LGQF
6-Lead (2mm × 3mm) Plastic DFN
–40°C to 125°C
LTC3621EDCB-5#PBF
LTC3621EDCB-5#TRPBF
LGQC
6-Lead (2mm × 3mm) Plastic DFN
–40°C to 125°C
LTC3621IDCB-5#PBF
LTC3621IDCB-5#TRPBF
LGQC
6-Lead (2mm × 3mm) Plastic DFN
–40°C to 125°C
LTC3621EMS8E#PBF
LTC3621EMS8E#TRPBF
LTGDH
8-Lead Plastic MSOP
–40°C to 125°C
LTC3621IMS8E#PBF
LTC3621IMS8E#TRPBF
LTGDH
8-Lead Plastic MSOP
–40°C to 125°C
LTC3621HMS8E#PBF
LTC3621HMS8E#TRPBF
LTGDH
8-Lead Plastic MSOP
–40°C to 150°C
LTC3621EMS8E-3.3#PBF
LTC3621EMS8E-3.3#TRPBF
LTGNY
8-Lead Plastic MSOP
–40°C to 125°C
LTC3621IMS8E-3.3#PBF
LTC3621IMS8E-3.3#TRPBF
LTGNY
8-Lead Plastic MSOP
–40°C to 125°C
LTC3621HMS8E-3.3#PBF
LTC3621HMS8E-3.3#TRPBF
LTGNY
8-Lead Plastic MSOP
–40°C to 150°C
LTC3621EMS8E-5#PBF
LTC3621EMS8E-5#TRPBF
LTGNX
8-Lead Plastic MSOP
–40°C to 125°C
LTC3621IMS8E-5#PBF
LTC3621IMS8E-5#TRPBF
LTGNX
8-Lead Plastic MSOP
–40°C to 125°C
LTC3621HMS8E-5#PBF
LTC3621HMS8E-5#TRPBF
LTGNX
8-Lead Plastic MSOP
–40°C to 150°C
LTC3621EDCB-2#PBF
LTC3621EDCB-2#TRPBF
LGHY
6-Lead (2mm × 3mm) Plastic DFN
–40°C to 125°C
LTC3621IDCB-2#PBF
LTC3621IDCB-2#TRPBF
LGHY
6-Lead (2mm × 3mm) Plastic DFN
–40°C to 125°C
LTC3621EDCB-23.3#PBF
LTC3621EDCB-23.3#TRPBF
LGQG
6-Lead (2mm × 3mm) Plastic DFN
–40°C to 125°C
LTC3621IDCB-23.3#PBF
LTC3621IDCB-23.3#TRPBF
LGQG
6-Lead (2mm × 3mm) Plastic DFN
–40°C to 125°C
LTC3621EDCB-25#PBF
LTC3621EDCB-25#TRPBF
LGQD
6-Lead (2mm × 3mm) Plastic DFN
–40°C to 125°C
LTC3621IDCB-25#PBF
LTC3621IDCB-25#TRPBF
LGQD
6-Lead (2mm × 3mm) Plastic DFN
–40°C to 125°C
Operating Junction Temperature Range (Notes 3, 6, 7)
LTC3621E, LTC3621I.......................... –40°C to 125°C
LTC3621H .......................................... –40°C to 150°C
Storage Temperature Range .................. –65°C to 150°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com