Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3621 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC3621
Description  17V, 1A Synchronous Step-Down Regulator with 3.5μA Quiescent Current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3621 Datasheet(HTML) 3 Page - Analog Devices

  LTC3621 Datasheet HTML 1Page - Analog Devices LTC3621 Datasheet HTML 2Page - Analog Devices LTC3621 Datasheet HTML 3Page - Analog Devices LTC3621 Datasheet HTML 4Page - Analog Devices LTC3621 Datasheet HTML 5Page - Analog Devices LTC3621 Datasheet HTML 6Page - Analog Devices LTC3621 Datasheet HTML 7Page - Analog Devices LTC3621 Datasheet HTML 8Page - Analog Devices LTC3621 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTC3621/LTC3621-2
3
Rev. D
For more information www.analog.com
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3621EMS8E-2#PBF
LTC3621EMS8E-2#TRPBF
LTGHZ
8-Lead Plastic MSOP
–40°C to 125°C
LTC3621IMS8E-2#PBF
LTC3621IMS8E-2#TRPBF
LTGHZ
8-Lead Plastic MSOP
–40°C to 125°C
LTC3621HMS8E-2#PBF
LTC3621HMS8E-2#TRPBF
LTGHZ
8-Lead Plastic MSOP
–40°C to 150°C
LTC3621EMS8E-23.3#PBF
LTC3621EMS8E-23.3#TRPBF
LTGNZ
8-Lead Plastic MSOP
–40°C to 125°C
LTC3621IMS8E-23.3#PBF
LTC3621IMS8E-23.3#TRPBF
LTGNZ
8-Lead Plastic MSOP
–40°C to 125°C
LTC3621HMS8E-23.3#PBF
LTC3621HMS8E-23.3#TRPBF
LTGNZ
8-Lead Plastic MSOP
–40°C to 150°C
LTC3621EMS8E-25#PBF
LTC3621EMS8E-25#TRPBF
LTGQB
8-Lead Plastic MSOP
–40°C to 125°C
LTC3621IMS8E-25#PBF
LTC3621IMS8E-25#TRPBF
LTGQB
8-Lead Plastic MSOP
–40°C to 125°C
LTC3621HMS8E-25#PBF
LTC3621HMS8E-25#TRPBF
LTGQB
8-Lead Plastic MSOP
–40°C to 150°C
AUTOMOTIVE PRODUCTS**
LTC3621EMS8E#WPBF
LTC3621EMS8E#WTRPBF
LTGDH
8-Lead Plastic MSOP
–40°C to 125°C
LTC3621IMS8E#WPBF
LTC3621IMS8E#WTRPBF
LTGDH
8-Lead Plastic MSOP
–40°C to 125°C
LTC3621HMS8E#WPBF
LTC3621HMS8E#WTRPBF
LTGDH
8-Lead Plastic MSOP
–40°C to 150°C
LTC3621EMS8E-3.3#WPBF
LTC3621EMS8E-3.3#WTRPBF
LTGNY
8-Lead Plastic MSOP
–40°C to 125°C
LTC3621IMS8E-3.3#WPBF
LTC3621IMS8E-3.3#WTRPBF
LTGNY
8-Lead Plastic MSOP
–40°C to 125°C
LTC3621HMS8E-3.3#WPBF
LTC3621HMS8E-3.3#WTRPBF
LTGNY
8-Lead Plastic MSOP
–40°C to 150°C
LTC3621EMS8E-5#WPBF
LTC3621EMS8E-5#WTRPBF
LTGNX
8-Lead Plastic MSOP
–40°C to 125°C
LTC3621IMS8E-5#WPBF
LTC3621IMS8E-5#WTRPBF
LTGNX
8-Lead Plastic MSOP
–40°C to 125°C
LTC3621HMS8E-5#WPBF
LTC3621HMS8E-5#WTRPBF
LTGNX
8-Lead Plastic MSOP
–40°C to 150°C
LTC3621EMS8E-2#WPBF
LTC3621EMS8E-2#WTRPBF
LTGHZ
8-Lead Plastic MSOP
–40°C to 125°C
LTC3621IMS8E-2#WPBF
LTC3621IMS8E-2#WTRPBF
LTGHZ
8-Lead Plastic MSOP
–40°C to 125°C
LTC3621HMS8E-2#WPBF
LTC3621HMS8E-2#WTRPBF
LTGHZ
8-Lead Plastic MSOP
–40°C to 150°C
LTC3621EMS8E-23.3#WPBF
LTC3621EMS8E-23.3#WTRPBF
LTGNZ
8-Lead Plastic MSOP
–40°C to 125°C
LTC3621IMS8E-23.3#WPBF
LTC3621IMS8E-23.3#WTRPBF
LTGNZ
8-Lead Plastic MSOP
–40°C to 125°C
LTC3621HMS8E-23.3#WPBF
LTC3621HMS8E-23.3#WTRPBF
LTGNZ
8-Lead Plastic MSOP
–40°C to 150°C
LTC3621EMS8E-25#WPBF
LTC3621EMS8E-25#WTRPBF
LTGQB
8-Lead Plastic MSOP
–40°C to 125°C
LTC3621IMS8E-25#WPBF
LTC3621IMS8E-25#WTRPBF
LTGQB
8-Lead Plastic MSOP
–40°C to 125°C
LTC3621HMS8E-25#WPBF
LTC3621HMS8E-25#WTRPBF
LTGQB
8-Lead Plastic MSOP
–40°C to 150°C
Contact the factory for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.
**Versions of this part are available with controlled manufacturing to support the quality and reliability requirements of automotive applications. These
models are designated with a #W suffix. Only the automotive grade products shown are available for use in automotive applications. Contact your
local Analog Devices account representative for specific product ordering information and to obtain the specific Automotive Reliability reports for
these models.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com