Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3621 Datasheet(PDF) 20 Page - Analog Devices

Part # LTC3621
Description  17V, 1A Synchronous Step-Down Regulator with 3.5μA Quiescent Current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3621 Datasheet(HTML) 20 Page - Analog Devices

Back Button LTC3621 Datasheet HTML 12Page - Analog Devices LTC3621 Datasheet HTML 13Page - Analog Devices LTC3621 Datasheet HTML 14Page - Analog Devices LTC3621 Datasheet HTML 15Page - Analog Devices LTC3621 Datasheet HTML 16Page - Analog Devices LTC3621 Datasheet HTML 17Page - Analog Devices LTC3621 Datasheet HTML 18Page - Analog Devices LTC3621 Datasheet HTML 19Page - Analog Devices LTC3621 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LTC3621/LTC3621-2
20
Rev. D
For more information www.analog.com
ANALOG DEVICES, INC. 2013-2021
03/21
www.analog.com
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER DESCRIPTION
COMMENTS
LTC3646/
LTC3646-1
40V, 1A (IOUT), 3MHz Synchronous Step-Down
DC/DC Converter
95% Efficiency, VIN: 4V to 40V, VOUT(MIN) = 0.6V, IQ = 140µA, ISD < 8µA,
3mm × 4mm DFN-14, MSOP-16E Packages
LTC3600
1.5A, 15V, 4MHz Synchronous Rail-to-Rail Single
Resistor Step-Down Regulator
95% Efficiency, VIN: 4V to 15V, VOUT(MIN) = 0V, IQ = 700µA, ISD < 1µA,
3mm × 3mm DFN-12, MSOP-12E Packages
LTC3601
15V, 1.5A (IOUT) 4MHz Synchronous Step-Down
DC/DC Converter
95% Efficiency, VIN: 4.5V to 15V, VOUT(MIN) = 0.6V, IQ = 300µA, ISD < 1µA,
4mm × 4mm QFN-20, MSOP-16E Packages
LTC3603
15V, 2.5A (IOUT) 3MHz Synchronous Step-Down
DC/DC Converter
95% Efficiency, VIN: 4.5V to 15V, VOUT(MIN) = 0.6V, IQ = 75µA, ISD < 1µA,
4mm × 4mm QFN-20, MSOP-16E Packages
LTC3633/
LTC3633A
15V/20V, Dual 3A (IOUT) 4MHz Synchronous Step-Down
DC/DC Converter
95% Efficiency, VIN: 3.6V to 15V/20V, VOUT(MIN) = 0.6V, IQ = 500µA, ISD < 15µA,
4mm × 5mm QFN-28, TSSOP-28E Packages. A Version Up to 20VIN
LTC3605/
LTC3605A
15V/20V, 5A (IOUT) 4MHz Synchronous Step-Down
DC/DC Converter
95% Efficiency, VIN: 4V to 15V/20V, VOUT(MIN) = 0.6V, IQ = 2mA, ISD < 15µA,
4mm × 4mm QFN-24 Package. A Version Up to 20VIN
LTC3604
15V, 2.5A (IOUT) 4MHz Synchronous Step-Down
DC/DC Converter
95% Efficiency, VIN: 3.6V to 15V, VOUT(MIN) = 0.6V, IQ = 300µA, ISD < 14µA,
3mm × 3mm QFN-16, MSOP-16E Packages
LTC1877
600mA (IOUT) 550kHz Synchronous Step-Down
DC/DC Converter
VIN: 2.7V to 10V, VOUT(MIN) = 0.8V, IO = 10µA, ISD < 1µA, MSOP-8 Package
LT8610/LT8611 42V, 2.5A (IOUT) Synchronous Step-Down
DC/DC Converter
96% Efficiency, VIN: 3.4V to 42V, VOUT(MIN) = 0.97V, IQ = 2.5µA, ISD < 1µA,
MSOP-16E Package
R3
187k
CFB
22pF
C1
1µF
COUT
22µF
3621 TA02
L1
3.3µH
VOUT
5V
R4
25.5k
VIN
RUN
SW
VIN
12V
LTC3621-2
GND
FB
MODE/SYNC
INTVCC
CIN
10µF
3621 TA02
5VOUT with 400mA Burst Mode Operation, 2.25MHz
1.2VOUT, Forced Continuous Mode, 1MHz
1.2VOUT, Synchronized to 600kHz, Forced Continuous Mode
CFB
22pF
C1
1µF
COUT
22µF
1.2V
2.7V TO 17V
3621 TA03
L1
3.3µH
R5
604k
1V
VIN
RUN
SW
LTC3621
GND
FB
MODE/SYNC
INTVCC
CIN
10µF
R1
604k
V
VOUT
VIN
CFB
22pF
C1
1µF
COUT
22µF
1.2V
2.7V TO 17V
3621 TA04
L1
4.7µH
R5
604k
600kHz CLK
VIN
RUN
SW
LTC3621
GND
FB
MODE/SYNC
INTVCC
CIN
10µF
R1
604k
V
VOUT
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com