Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

950 Datasheet(PDF) 13 Page - HAKKO Corporation

Part # 950
Description  TIP MAINTENANCE AND CLEANING PROCEDURES
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAKKO [HAKKO Corporation]
Direct Link  https://www.hakko.com/
Logo HAKKO - HAKKO Corporation

950 Datasheet(HTML) 13 Page - HAKKO Corporation

Back Button 950 Datasheet HTML 9Page - HAKKO Corporation 950 Datasheet HTML 10Page - HAKKO Corporation 950 Datasheet HTML 11Page - HAKKO Corporation 950 Datasheet HTML 12Page - HAKKO Corporation 950 Datasheet HTML 13Page - HAKKO Corporation 950 Datasheet HTML 14Page - HAKKO Corporation 950 Datasheet HTML 15Page - HAKKO Corporation 950 Datasheet HTML 16Page - HAKKO Corporation 950 Datasheet HTML 17Page - HAKKO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13
455/456 Series
13
.5r
(.020)
25 mm
(.984)
A1047
SHAPE: B
3.0 mm
(.118)
A1048
SHAPE: 3C
45
°
25 mm
(.984)
4.0 mm
(.158)
A1049
SHAPE: 4C
45
°
25 mm
(.984)
5.0 mm
(.197)
A1050
SHAPE: 5C
45
°
25 mm
(.984)
6.0 mm
(.236)
A1051
SHAPE: 6C
45
°
25 mm
(.984)
5.0 mm
(.197)
A1052
SHAPE: SD
25 mm
(.984)
A1053
9.0 mm
(.354)
SHAPE: K
45
°
25 mm
(.984)
1.0r
(.040)
30 mm
(1.18)
A1023
SHAPE: 2B
4.0 mm
(.158)
30 mm
(1.18)
A1024
45
°
SHAPE: 4C
8.0 mm
(.315)
26 mm
(1.02)
A1025
SHAPE: 8C
45
°
5.0 mm
(.197)
30 mm
(1.18)
A1026
SHAPE: SD
6.0 mm
(.236)
30 mm
(1.18)
A1031
SHAPE: 6C
45
°
A1032
9.0 mm
(.354)
30 mm
(1.18)
SHAPE: K
45
°
9.0 mm
(.354)
30 mm
(1.18)
A1179
SHAPE: 9D
455 Series
456 Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com