Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

950 Datasheet(PDF) 21 Page - HAKKO Corporation

Part # 950
Description  TIP MAINTENANCE AND CLEANING PROCEDURES
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAKKO [HAKKO Corporation]
Direct Link  https://www.hakko.com/
Logo HAKKO - HAKKO Corporation

950 Datasheet(HTML) 21 Page - HAKKO Corporation

Back Button 950 Datasheet HTML 16Page - HAKKO Corporation 950 Datasheet HTML 17Page - HAKKO Corporation 950 Datasheet HTML 18Page - HAKKO Corporation 950 Datasheet HTML 19Page - HAKKO Corporation 950 Datasheet HTML 20Page - HAKKO Corporation 950 Datasheet HTML 21Page - HAKKO Corporation 950 Datasheet HTML 22Page - HAKKO Corporation 950 Datasheet HTML 23Page - HAKKO Corporation 950 Datasheet HTML 24Page - HAKKO Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21
481/483 Series
21
0.8 mm
(.032)
481-T-0.8
2.5 mm
(.099)
1.0 mm
(.040)
481-T-1.0
2.5 mm
(.099)
1.3 mm
(.051)
481-T-1.3
2.5 mm
(.099)
1.6 mm
(.063)
481-T-1.6
3.0 mm
(.118)
0.8 mm
(.032)
483-T-0.8
2.5 mm
(.099)
1.0 mm
(.040)
483-T-1.0
483-T-1.3
2.5 mm
(.099)
1.3 mm
(.051)
3.0 mm
(.118)
483-T-1.6
1.6 mm
(.063)
3.0 mm
(.118)
483-T-0.8T
0.8 mm
(.032)
1.7 mm
(.067)
483-T-1.0T
1.0 mm
(.040)
2.0 mm
(.079)
483-T-1.3T
1.3 mm
(.051)
2.3 mm
(.091)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com